Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5684 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2N5684
Description  isc Silicon PNP Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N5684 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N5684 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N5684 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc Silicon PNP Power Transistors
2N5684
www.iscsemi.com
1
DESCRIPTION
·
High DC Current Gain-hFE=15~60@IC = -25A
·
Low Saturation Voltage-
VCE(sat)= -1.0V(Max)@ IC = -25A
APPLICATIONS
·Designed for use in horizontal deflection circuits of
colour TV receivers
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.584
K/W
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-80
V
VCEO
Collector-Emitter Voltage
-80
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-50
A
IB
Base Current-Continuous
-15
A
PC
Collector Power Dissipation @TC=25℃
-300
W
TJ
Junction Temperature
200
℃
Tstg
Storage Temperature
-65~200
℃


Similar Part No. - 2N5684

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5684 MOSPEC-2N5684 Datasheet
185Kb / 4P
POWER TRANSISTORS(50A,300W)
logo
Microsemi Corporation
2N5684 MICROSEMI-2N5684 Datasheet
65Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
ON Semiconductor
2N5684 ONSEMI-2N5684 Datasheet
133Kb / 8P
High-Current Complementary Silicon Power Transistors
May, 2001 ??Rev. 10
logo
List of Unclassifed Man...
2N5684 ETC-2N5684 Datasheet
347Kb / 8P
Power Transistors
logo
ON Semiconductor
2N5684 ONSEMI-2N5684 Datasheet
151Kb / 7P
High?묬urrent Complementary Silicon Power Transistors
March, 2006 ??Rev. 11
More results

Similar Description - 2N5684

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT82F ISC-BDT82F Datasheet
111Kb / 2P
isc Silicon PNP Power Transistors
2N5737 ISC-2N5737 Datasheet
40Kb / 2P
isc Silicon PNP Power Transistors
2SB551 ISC-2SB551 Datasheet
302Kb / 2P
isc Silicon PNP Power Transistors
2SB656 ISC-2SB656 Datasheet
226Kb / 2P
isc Silicon PNP Power Transistors
2SB696 ISC-2SB696 Datasheet
222Kb / 2P
isc Silicon PNP Power Transistors
MJF45H11 ISC-MJF45H11 Datasheet
76Kb / 2P
isc Silicon PNP Power Transistors
TIP32E ISC-TIP32E Datasheet
248Kb / 2P
isc Silicon PNP Power Transistors
TIP30D ISC-TIP30D Datasheet
149Kb / 2P
isc Silicon PNP Power Transistors
TIP42C-220 ISC-TIP42C-220 Datasheet
145Kb / 2P
isc Silicon PNP Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com