Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3041 Datasheet(PDF) 13 Page - Analog Devices

Part # LT3041
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3041 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT3041 Datasheet HTML 9Page - Analog Devices LT3041 Datasheet HTML 10Page - Analog Devices LT3041 Datasheet HTML 11Page - Analog Devices LT3041 Datasheet HTML 12Page - Analog Devices LT3041 Datasheet HTML 13Page - Analog Devices LT3041 Datasheet HTML 14Page - Analog Devices LT3041 Datasheet HTML 15Page - Analog Devices LT3041 Datasheet HTML 16Page - Analog Devices LT3041 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
13 of 62
3
ALERT
Open-Drain Digital Output. Connect the SMBALERT signal to this pin. A pull-up
resistor to the highest supply rail is required in the application.
4
SCL
Serial Bus Clock Input. Open-Drain Output. A pull-up resistor to the highest supply rail
is required in the application.
5
SDA
Serial Bus Data Input and Output. Open-Drain Output. A pull-up resistor to the highest
supply rail is required in the application.
6
PG
Power Good. PG is an open-drain flag that indicates output voltage regulation. PG
pulls low if PGFB is below 300mV on the PGFB rising edge. If power good functionality
is not needed, float the PG pin. See the Applications Information section for more
information.
7
PGFB
Power Good Feedback. The PG pin pulls high if the PGFB pin increases beyond 300mV
on its rising edge, with 8mV hysteresis on its falling edge. Connecting an external
resistor divider between OUT, PGFB, and AGND sets the programmable power good
threshold with the following transfer function: 0.3V x (1 + RPG2/RPG1), where RPG1 is the
resistor tied from PGFB to AGND and RPG2 is the resistor tied from OUT to PGFB. Tie
PGFB to BIASAF if power good functionality is not required.
8, 9,
Exposed
Pad 24
OUT
Output. Pins 8, 9, and exposed pad 24 of the LQFN package are the electrical
connection to OUT. These pins supply power to the load. Tie all OUT pins together for
proper performance and solder pin 24 to the PCB for better thermal performance. A
minimum output capacitance of 10µF is required for stability. Analog Devices
recommends low ESR, X5R, or X7R dielectric ceramic capacitors for best performance.
Large load transient applications require larger output capacitors to limit peak voltage
transients.
10
SENSE
Kelvin Sense for OUT. The SENSE pin is the inverting input to the error amplifier.
Optimum regulation is obtained when the SENSE pin is connected to the OUT pins of
the regulator. In critical applications, the resistance of PCB traces between the
regulator and the load causes small voltage drops, creating a load regulation error at
the point of load. Connecting the SENSE pin at the load instead of directly to OUT
eliminates this voltage error.
11
AGND
Analog Ground. To ensure proper electrical and thermal performance, tie all ground
pins of the package to PCB ground.
12
SETCAP
Reference Filter. This pin must not be externally loaded. Bypassing the SETCAP pin to
AGND with a 4.7µF capacitor decreases output voltage noise and provides a soft-start
function to the reference. Analog Devices recommends the use of a high quality, low
leakage capacitor.
13
SETRES
Reference. This pin sources the 100µA precision current. Placing a resistor from this
pin to the AGND pin of the LT3074 sets the output regulation voltage.
14
IMON
Output Current Monitor. The IMON pin is a voltage output pin that sources a voltage
proportional to the output current with a ratio of 3A/V. For best performance, minimize
the external loading on this pin and do not drive the pin externally.
15
ASEL
Serial Bus Address Select. This pin allows programming the 4LSBs out of the 7-bit
address space. The 3MSBs are hardwired to 110b. Connect a ±1% resistor divider
between BIASAF, ASEL, and AGND to select the serial bus interface address. Optionally,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com