Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3041 Datasheet(PDF) 16 Page - Analog Devices

Part # LT3041
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3041 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT3041 Datasheet HTML 12Page - Analog Devices LT3041 Datasheet HTML 13Page - Analog Devices LT3041 Datasheet HTML 14Page - Analog Devices LT3041 Datasheet HTML 15Page - Analog Devices LT3041 Datasheet HTML 16Page - Analog Devices LT3041 Datasheet HTML 17Page - Analog Devices LT3041 Datasheet HTML 18Page - Analog Devices LT3041 Datasheet HTML 19Page - Analog Devices LT3041 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
16 of 62
Figure 10. ISETRES Load Regulation
Figure 11. ISETRES Common Mode Regulation
Figure 12. VOS Line Regulation
Figure 13. VOS Line Regulation
Figure 14. VOS Load Regulation
Figure 15. VOS Common Mode Regulation
VBIAS = 2.5V
VIN = 0.7V
VSETRES = 0.5V
–55°C
–40°C
+25°C
+125°C
+150°C
ILOAD (A)
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
98.0
98.4
98.8
99.2
99.6
100.0
100.4
100.8
101.2
101.6
102.0
–55°C
–40°C
+25°C
+125°C
+150°C
VSETRES (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
98.0
98.4
98.8
99.2
99.6
100.0
100.4
100.8
101.2
101.6
102.0
VBIAS = 5.5V
VIN – VOUT = 0.2V
ILOAD = 50mA
VBIAS = 2.5V
VSETRES = 0.5V
ILOAD = 50mA
–55°C
–40°C
+25°C
+125°C
+150°C
VIN (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
–2.0
–1.6
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
1.6
2.0
VIN = 0.7V
VSETRES = 0.5V
ILOAD = 50mA
–55°C
–40°C
+25°C
+125°C
+150°C
VBIAS (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
–2.0
–1.6
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
1.6
2.0
VBIAS = 2.5V
VIN = 0.7V
VSETRES = 0.5V
–55°C
–40°C
+25°C
+125°C
+150°C
ILOAD (A)
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
–2.0
–1.6
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
1.6
2.0
VBIAS = 5.5V
VIN – VOUT = 0.2V
ILOAD = 50mA
–55°C
–40°C
+25°C
+125°C
+150°C
VSETRES (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
–2.0
–1.6
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
1.6
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com