Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2003PW Datasheet(PDF) 8 Page - NXP Semiconductors

Part # GTL2003PW
Description  8-bit bidirectional low voltage translator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2003PW Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button GTL2003PW Datasheet HTML 4Page - NXP Semiconductors GTL2003PW Datasheet HTML 5Page - NXP Semiconductors GTL2003PW Datasheet HTML 6Page - NXP Semiconductors GTL2003PW Datasheet HTML 7Page - NXP Semiconductors GTL2003PW Datasheet HTML 8Page - NXP Semiconductors GTL2003PW Datasheet HTML 9Page - NXP Semiconductors GTL2003PW Datasheet HTML 10Page - NXP Semiconductors GTL2003PW Datasheet HTML 11Page - NXP Semiconductors GTL2003PW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
GTL2003_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 27 July 2007
8 of 19
NXP Semiconductors
GTL2003
8-bit bidirectional low voltage translator
9.
Limiting values
[1]
The performance capability of a high-performance integrated circuit in conjunction with its thermal
environment can create junction temperatures which are detrimental to reliability. The maximum junction
temperature of this integrated circuit should not exceed 150
°C.
[2]
The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings
are observed.
10. Recommended operating conditions
[1]
VSREF ≤ VDREF − 1.5 V for best results in level shifting applications.
Table 7.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).[1]
Symbol
Parameter
Conditions
Min
Max
Unit
VSREF
voltage on pin SREF
−0.5[2]
+7.0
V
VDREF
voltage on pin DREF
−0.5[2]
+7.0
V
VGREF
voltage on pin GREF
−0.5[2]
+7.0
V
VSn
voltage on port Sn
−0.5[2]
+7.0
V
VDn
voltage on port Dn
−0.5[2]
+7.0
V
IIK
input clamping current
SREF, DREF, GREF; VI <0V
-
−50
mA
port Sn; VI <0V
-
−50
mA
port Dn; VI <0V
-
−50
mA
Ich
channel current (DC)
channel in ON-state
-
±128
mA
Tstg
storage temperature
−65
+150
°C
Table 8.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VI/O
voltage on an input/output
pin
Sn, Dn
0
-
5.5
V
VSREF
voltage on pin SREF
[1] 0
-
5.5
V
VDREF
voltage on pin DREF
0
-
5.5
V
VGREF
voltage on pin GREF
0
-
5.5
V
Isw(pass)
pass switch current
-
-
64
mA
Tamb
ambient temperature
operating in free-air
−40
-
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com