Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2003PW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # GTL2003PW
Description  8-bit bidirectional low voltage translator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2003PW Datasheet(HTML) 2 Page - NXP Semiconductors

  GTL2003PW Datasheet HTML 1Page - NXP Semiconductors GTL2003PW Datasheet HTML 2Page - NXP Semiconductors GTL2003PW Datasheet HTML 3Page - NXP Semiconductors GTL2003PW Datasheet HTML 4Page - NXP Semiconductors GTL2003PW Datasheet HTML 5Page - NXP Semiconductors GTL2003PW Datasheet HTML 6Page - NXP Semiconductors GTL2003PW Datasheet HTML 7Page - NXP Semiconductors GTL2003PW Datasheet HTML 8Page - NXP Semiconductors GTL2003PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
GTL2003_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 27 July 2007
2 of 19
NXP Semiconductors
GTL2003
8-bit bidirectional low voltage translator
3.
Applications
I Any application that requires bidirectional or unidirectional voltage level translation
from any voltage from 1.0 V to 5.0 V to any voltage from 1.0 V to 5.0 V
I The open-drain construction with no direction pin is ideal for bidirectional low voltage
(for example, 1.0 V, 1.2 V, 1.5 V, or 1.8 V) processor I2C-bus port translation to the
normal 3.3 V and/or 5.0 V I2C-bus signal levels or GTL/GTL+ translation to LVTTL/TTL
signal levels.
4.
Ordering information
4.1 Ordering options
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Name
Description
Version
GTL2003BQ
DHVQFN20 plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 20 terminals;
body 2.5
× 4.5 × 0.85 mm
SOT764-1
GTL2003PW
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
Table 2.
Ordering options
Type number
Topside mark
Temperature range
GTL2003BQ
2003
−40 °C to +85 °C
GTL2003PW
GTL2003
−40 °C to +85 °C
Fig 1.
Functional diagram
GREF
SREF
DREF
S1
D1
002aac641
S8
D8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com