Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2003PW Datasheet(PDF) 1 Page - NXP Semiconductors

Part # GTL2003PW
Description  8-bit bidirectional low voltage translator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2003PW Datasheet(HTML) 1 Page - NXP Semiconductors

  GTL2003PW Datasheet HTML 1Page - NXP Semiconductors GTL2003PW Datasheet HTML 2Page - NXP Semiconductors GTL2003PW Datasheet HTML 3Page - NXP Semiconductors GTL2003PW Datasheet HTML 4Page - NXP Semiconductors GTL2003PW Datasheet HTML 5Page - NXP Semiconductors GTL2003PW Datasheet HTML 6Page - NXP Semiconductors GTL2003PW Datasheet HTML 7Page - NXP Semiconductors GTL2003PW Datasheet HTML 8Page - NXP Semiconductors GTL2003PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The Gunning Transceiver Logic - Transceiver Voltage Clamps (GTL-TVC) provide
high-speed voltage translation with low ON-state resistance and minimal propagation
delay. The GTL2003 provides 8 NMOS pass transistors (Sn and Dn) with a common gate
(GREF) and a reference transistor (SREF and DREF). The device allows bidirectional
voltage translations between 1.0 V and 5.0 V without use of a direction pin.
When the Sn or Dn port is LOW, the clamp is in the ON-state and a low resistance
connection exists between the Sn and Dn ports. Assuming the higher voltage is on the Dn
port, when the Dn port is HIGH, the voltage on the Sn port is limited to the voltage set by
the reference transistor (SREF). When the Sn port is HIGH, the Dn port is pulled to VCC by
the pull-up resistors. This functionality allows a seamless translation between higher and
lower voltages selected by the user, without the need for directional control.
All transistors have the same electrical characteristics and there is minimal deviation from
one output to another in voltage or propagation delay. This is a benefit over discrete
transistor voltage translation solutions, since the fabrication of the transistors is
symmetrical. Because all transistors in the device are identical, SREF and DREF can be
located on any of the other eight matched Sn/Dn transistors, allowing for easier board
layout. The translator's transistors provide excellent ESD protection to lower voltage
devices and at the same time protect less ESD-resistant devices.
2.
Features
I 8-bit bidirectional low voltage translator
I Allows voltage level translation between 1.0 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V, and 5 V
buses which allows direct interface with GTL, GTL+, LVTTL/TTL and 5 V CMOS levels
I Provides bidirectional voltage translation with no direction pin
I Low 6.5 Ω ON-state resistance (Ron) between input and output pins (Sn/Dn)
I Supports hot insertion
I No power supply required: will not latch up
I 5 V tolerant inputs
I Low standby current
I Flow-through pinout for ease of printed-circuit board trace routing
I ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
I Packages offered: TSSOP20, DHVQFN20
GTL2003
8-bit bidirectional low voltage translator
Rev. 01 — 27 July 2007
Product data sheet


Similar Part No. - GTL2003PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL2003PW NXP-GTL2003PW Datasheet
121Kb / 19P
8-bit bidirectional low voltage translator
Rev. 01-27 July 2007
GTL2003PW NXP-GTL2003PW Datasheet
263Kb / 2P
NXP bidirectional low-voltage translators
March 2007
GTL2003PW-T NXP-GTL2003PW-T Datasheet
263Kb / 2P
NXP bidirectional low-voltage translators
March 2007
More results

Similar Description - GTL2003PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GTL2010 TI-GTL2010 Datasheet
149Kb / 15P
10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
GTL2010 TI-GTL2010_07 Datasheet
299Kb / 17P
10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
NXP Semiconductors
GTL2002 NXP-GTL2002 Datasheet
138Kb / 22P
2-bit bidirectional low voltage translator
GTL2003 NXP-GTL2003 Datasheet
121Kb / 19P
8-bit bidirectional low voltage translator
Rev. 01-27 July 2007
GTL2010 NXP-GTL2010 Datasheet
125Kb / 20P
10-bit bidirectional low voltage translator
Rev. 06-3 March 2008
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003 Datasheet
652Kb / 20P
8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010 TI1-SN74GTL2010 Datasheet
535Kb / 18P
10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2003 TI1-SN74GTL2003_15 Datasheet
995Kb / 25P
8-Bit Bidirectional Low-Voltage Translator
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
2-Bit Bidirectional Voltage-Level Translator
logo
Pericom Semiconductor C...
PI4GTL2002 PERICOM-PI4GTL2002 Datasheet
537Kb / 12P
2-bit bidirectional low voltage translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com