Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CQFP Datasheet(PDF) 1 Page - Amkor Technology

Part # CQFP
Description  Ceramic Quad Flat Pack Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

CQFP Datasheet(HTML) 1 Page - Amkor Technology

  CQFP Datasheet HTML 1Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
data sheet
CQFP
Features:
CERAMIC
/ HERMETIC
www.amkor.com
VISIT AMKOR TECHNOLOGY ONLINE FOR LOCATIONS AND
TO VIEW THE MOST CURRENT PRODUCT INFORMATION
Ceramic Quad Flat Pack
Package (CQFP)
Amkor Technology is continuing to service this
established industry package. The Amkor
Technology CQFP capability provides you, the
customer, with a wide range of lead counts and
body sizes available from various suppliers. The
CQFP is a hermetic package consisting of two
pieces of dry pressed ceramic surrounding a
"gullwing" formed leadframe. The ceramic / LF /
ceramic system is held together hermetically by
glass. The frit lid is sealed/reflowed over the
package cavity at temperatures between
400° - 460° Centigrade.
Applications:
Along with the other standard industry packages,
the CQFP has a proven track record and is still
being used by semiconductor technologies such as:
Digital to Analog converters, Microwave, Logic,
Memory, Microcontrollers, and Video controllers.
Some end applications are: Military electronics,
Commercial electronics, Automotive and
Telecommunications.
The CQFP offers a variety of features:
• Square package body
• 14-256 lead count, 25-50 mil lead pitch's
• Hermetic package
• High thermal conductive ceramic
• Solder Plate lead finish
• JEDEC standard compliant
• Wide selection of available cavity sizes to
meet most die size needs
• Commercial or full Military flows
DS806
Rev Date: 08’02
.


Similar Part No. - CQFP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CQF32C1 ETC2-CQF32C1 Datasheet
40Kb / 1P
4 Pin HC-49/US SMD Microprocessor Crystal
logo
Caliber Electronics Inc...
CQF32C1 CALIBER-CQF32C1 Datasheet
45Kb / 1P
4 Pin HC-49/US SMD Microprocessor Crystal
logo
List of Unclassifed Man...
CQF32C3 ETC2-CQF32C3 Datasheet
40Kb / 1P
4 Pin HC-49/US SMD Microprocessor Crystal
logo
Caliber Electronics Inc...
CQF32C3 CALIBER-CQF32C3 Datasheet
45Kb / 1P
4 Pin HC-49/US SMD Microprocessor Crystal
logo
List of Unclassifed Man...
CQF32C5 ETC2-CQF32C5 Datasheet
40Kb / 1P
4 Pin HC-49/US SMD Microprocessor Crystal
More results

Similar Description - CQFP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SOT389-1 PHILIPS-SOT389-1 Datasheet
14Kb / 1P
Plastic Low Profile Quad flat Package
2002 Jun 07
logo
STATS ChipPAC, Ltd.
LQFP STATSCHIP-LQFP Datasheet
126Kb / 2P
Low Profile Quad Flat Pack
MQFP STATSCHIP-MQFP Datasheet
103Kb / 2P
Metric Quad Flat Pack
MQFP-D STATSCHIP-MQFP-D Datasheet
95Kb / 2P
Heat Spreader Metric Quad Flat Pack
TQFP STATSCHIP-TQFP Datasheet
92Kb / 2P
Thin Profile Quad Flat Pack
QFP-SD STATSCHIP-QFP-SD Datasheet
527Kb / 2P
Stacked Die Quad Flat Pack
QFP-EP STATSCHIP-QFP-EP Datasheet
117Kb / 2P
Exposed Pad Quad Flat Pack
QFN STATSCHIP-QFN Datasheet
530Kb / 2P
Quad Flat No-Lead Package
logo
Amkor Technology
FLATPACK AMKOR-FLATPACK Datasheet
490Kb / 1P
Ceramic Flat Pack Package
LQFP AMKOR-LQFP Datasheet
656Kb / 2P
Low Profile Quad Flat Pack (LQFP) Packages
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com