Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F64G-3GD-MP2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # F64G-3GD-MP2
Description  Olympian Plus General Purpose Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F64G-3GD-MP2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  F64G-3GD-MP2 Datasheet HTML 1Page - List of Unclassifed Manufacturers F64G-3GD-MP2 Datasheet HTML 2Page - List of Unclassifed Manufacturers F64G-3GD-MP2 Datasheet HTML 3Page - List of Unclassifed Manufacturers F64G-3GD-MP2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
7/97
N/AL.8.240.100.01
F64G
Automatic Drain
Manual Drain
Olympian Plus
General Purpose Filter
1/4
", 3/8", 1/2", 3/4" Port Sizes
q Olympian Plus plug in design
q High efficiency water and particle removal
q Quick release bayonet bowl
q High visibility prismatic sight glass*
q Optional service indicator
* UK and other patents pending
Technical Data
Fluid: Compressed air
Maximum pressure:
Guarded transparent bowl: 10 bar (150 psig)
Metal bowl: 17 bar (250 psig)
Operating temperature*:
Guarded transparent bowl: -20° to +50°C (0° to +125°F)
Metal bowl: -20° to +80°C (0° to +175°F)
* Air supply must be dry enough to avoid ice formation at temperatures below +2°C
(+35°F).
Partical removal: 5 µm, 25 µm or 40 µm. Within ISO 8573-1,
Class 3 and Class 5
Typical flow at 6,3 bar (90 psig) inlet pressure and 0,5 bar (7 psig)
pressure drop:
5 µm element: 55 dm3/s (116 scfm)
40 µm element: 70 dm3/s (148 scfm)
Automatic drain connection: 1/8
"
Automatic drain operating conditions:
Minimum pressure: 0,7 bar (10 psig). Drain opens when bowl
pressure drops below 0,2 bar (3 psig).
Minimum air flow: 1 dm3/s (2 scfm) required to close drain.
Nominal bowl size: 0,2 litre (7 fluid ounce)
Our policy is one of continuous research and development.
We reserve the right to amend, without notice, the specifications given in this document.
ISO Symbols
Ordering Information
See
Ordering Information on the following
pages.
Materials:
Body: Zinc
Yoke: Zinc
Metal bowl: Aluminium
Standard metal bowl prismatic liquid level
indicator lens: Grilamid
Optional metal bowl sight glass: Pyrex
Optional transparent bowl: Polycarbonate
Element: Sintered plastic
Elastomers: Synthetic rubber
Optional service life indicator:
Body: Transparent nylon.
Internal parts: Acetal
Spring: Stainless steel
Elastomers: Nitrile
Back to Selector Page


Similar Part No. - F64G-3GD-MP2

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
F6406 UTC-F6406 Datasheet
167Kb / 6P
2-PHASE DC-FAN MOTOR PRE-DRIVER IC
F6406 UTC-F6406 Datasheet
143Kb / 5P
2-PHASE DC-FAN MOTOR PRE-DRIVER IC
F6406-S08-R UTC-F6406-S08-R Datasheet
167Kb / 6P
2-PHASE DC-FAN MOTOR PRE-DRIVER IC
F6406G-S08-R UTC-F6406G-S08-R Datasheet
167Kb / 6P
2-PHASE DC-FAN MOTOR PRE-DRIVER IC
F6406GL-S08-R UTC-F6406GL-S08-R Datasheet
167Kb / 6P
2-PHASE DC-FAN MOTOR PRE-DRIVER IC
More results

Similar Description - F64G-3GD-MP2

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
S14020G FARADAY-S14020G Datasheet
78Kb / 2P
GENERAL PURPOSE LP FILTER
logo
List of Unclassifed Man...
FN2010-10-06 ETC2-FN2010-10-06 Datasheet
593Kb / 5P
General Purpose EMI Filter
FN2010-20-08 ETC2-FN2010-20-08 Datasheet
248Kb / 5P
General Purpose EMI Filter
FN2010B-20-08 ETC2-FN2010B-20-08 Datasheet
248Kb / 5P
General Purpose EMI Filter
FN2060-30-08 ETC2-FN2060-30-08 Datasheet
165Kb / 2P
General-purpose filter
logo
Qualtek Electronics Cor...
857-03-017 QUALTEK-857-03-017 Datasheet
69Kb / 1P
EMI FILTER-GENERAL PURPOSE
logo
Schaffner International...
FN-351 SCHAFFNER-FN-351 Datasheet
569Kb / 5P
General Purpose EMC Filter
logo
Norgren Ltd
B82G NORGREN-B82G Datasheet
2Mb / 8P
General purpose filter/regulator Excelon® Plus Modular System
02/21
BL64 NORGREN-BL64 Datasheet
856Kb / 4P
Olympian Plus plug-in system Filter/regulators and lubricators
T64 NORGREN-T64 Datasheet
297Kb / 2P
T64 - Olympian Plus plug-in system Shut-off & lockout valves
02/16
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com