Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC593LP3 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC593LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC593LP3 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC593LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
5
5 - 179
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Bypass Mode
Insertion Loss vs. Temperature
Bypass Mode
Input Return Loss vs. Temperature
Bypass Mode
Output Return Loss vs. Temperature
Bypass Mode
Broadband Insertion Loss & Return Loss
LNA Reverse Isolation vs. Temperature
-50
-40
-30
-20
-10
0
3.3
3.4
3.5
3.6
3.7
3.8
+25C
+85C
-40C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
S21
S11
S22
FREQUENCY (GHz)
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
3.3
3.4
3.5
3.6
3.7
3.8
+25C
+85C
-40C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
3.3
3.4
3.5
3.6
3.7
3.8
+25C
+85C
-40C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
3.3
3.4
3.5
3.6
3.7
3.8
+25C
+85C
-40C
FREQUENCY (GHz)
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
LNA Output P1dB vs. Vdd
HMC593LP3 / 593LP3E
v00.0407
12
13
14
15
16
17
18
19
20
21
22
3.3
3.4
3.5
3.6
3.7
3.8
4.5V
5.0V
5.5V
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com