Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC593LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC593LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC593LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC593LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
5
5 - 176
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC593LP3 / 593LP3E
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
v00.0407
General Description
Features
Functional Diagram
The HMC593LP3 / HMC593LP3E are versatile, high
dynamic range GaAs MMIC Low Noise Amplifiers
that integrate a low loss LNA bypass mode on the IC.
The amplifier is ideal for WiBro & WiMAX receivers
operating between 3.3 and 3.8 GHz and provides 1.2
dB noise figure, 19 dB of gain and +29 dBm IP3 from
a single supply of +5.0V @ 40mA. Input and output
return losses are 23 and 13 dB respectively with no
external matching components required. A single
control line (0/+3V) is used to switch between LNA
mode and a low 2.0 dB loss bypass mode reducing
the current consumption to 10 μA.
Noise Figure: 1.2 dB
Output IP3: +29 dBm
Gain: 19 dB
Low Loss LNA Bypass Path
Single Supply: +5.0V @ 40mA
50 Ohm Matched Output
Electrical Specifications, T
A = +25° C, Vdd = +5V
Typical Applications
The HMC593LP3 / HMC593LP3E is ideal for:
• Wireless Infrastructure
• Fixed Wireless
• WiMAX WiBro / 4G
• Tower Mounted Amplifiers
Parameter
LNA Mode
Bypass Mode
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range
3.3 - 3.8
3.3 - 3.8
GHz
Gain
16
19
-3.0
-2.0
dB
Gain Variation Over Temperature
0.011
0.002
dB / °C
Noise Figure
1.2
1.6
dB
Input Return Loss
23
30
dB
Output Return Loss
13
25
dB
Reverse Isolation
19
dB
Power for 1dB Compression (P1dB)*
13
16
30
dBm
Saturated Output Power (Psat)
17
dBm
Third Order Intercept (IP3)*
(-20 dBm Input Power per tone, 1 MHz tone spacing)
29
dBm
Supply Current (Idd)
40
50
0.01
mA
Swtiching Speed
LNA Mode to Bypass Mode
-
<4
ns
Bypass Mode to LNA Mode
250
-
μs
* P1dB and IP3 for LNA Mode are referenced to RFOUT while P1dB for Bypass Mode is referenced to RFIN.


Similar Part No. - HMC593LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC593LP3 HITTITE-HMC593LP3 Datasheet
295Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
HMC593LP3E HITTITE-HMC593LP3E Datasheet
295Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
HMC593LP3 HITTITE-HMC593LP3_09 Datasheet
295Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
More results

Similar Description - HMC593LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC373LP3 HITTITE-HMC373LP3 Datasheet
317Kb / 10P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC491LP3 HITTITE-HMC491LP3 Datasheet
233Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.4 - 3.8 GHz
HMC605LP3 HITTITE-HMC605LP3 Datasheet
207Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
HMC373LP3 HITTITE-HMC373LP3_06 Datasheet
414Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC604LP3 HITTITE-HMC604LP3 Datasheet
354Kb / 10P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz
HMC491LP3 HITTITE-HMC491LP3_09 Datasheet
231Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.4 - 3.8 GHz
HMC593LP3 HITTITE-HMC593LP3_09 Datasheet
295Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
HMC604LP3 HITTITE-HMC604LP3_10 Datasheet
1Mb / 10P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz
HMC605LP3 HITTITE-HMC605LP3_09 Datasheet
253Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
logo
Analog Devices
HMC373LP3 AD-HMC373LP3 Datasheet
426Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com