Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC593LP3 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC593LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC593LP3 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC593LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5
5 - 178
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
LNA Output IP3 vs. Temperature
LNA Output P1dB vs. Temperature
LNA Output IP3 vs. Vdd
LNA Input Return Loss vs. Temperature
LNA Output Return Loss vs. Temperature
-40
-35
-30
-25
-20
-15
-10
-5
0
3.3
3.4
3.5
3.6
3.7
3.8
+25C
+85C
-40C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
3.3
3.4
3.5
3.6
3.7
3.8
+25C
+85C
-40C
FREQUENCY (GHz)
25
26
27
28
29
30
31
32
33
34
35
3.3
3.4
3.5
3.6
3.7
3.8
+25C
+85C
-40C
FREQUENCY (GHz)
25
26
27
28
29
30
31
32
33
34
35
3.3
3.4
3.5
3.6
3.7
3.8
4.5V
5.0V
5.5V
FREQUENCY (GHz)
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
HMC593LP3 / 593LP3E
v00.0407
LNA Psat vs. Temperature
12
13
14
15
16
17
18
19
20
21
22
3.3
3.4
3.5
3.6
3.7
3.8
+25C
+85C
-40C
FREQUENCY (GHz)
12
13
14
15
16
17
18
19
20
21
22
3.3
3.4
3.5
3.6
3.7
3.8
+25C
+85C
-40C
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com