Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IE-FCM-RJ45-C Datasheet(PDF) 2 Page - Weidmuller

Part # IE-FCM-RJ45-C
Description  FrontCom Micro RJ45 coupling
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

IE-FCM-RJ45-C Datasheet(HTML) 2 Page - Weidmuller

  IE-FCM-RJ45-C Datasheet HTML 1Page - Weidmuller IE-FCM-RJ45-C Datasheet HTML 2Page - Weidmuller IE-FCM-RJ45-C Datasheet HTML 3Page - Weidmuller IE-FCM-RJ45-C Datasheet HTML 4Page - Weidmuller IE-FCM-RJ45-C Datasheet HTML 5Page - Weidmuller IE-FCM-RJ45-C Datasheet HTML 6Page - Weidmuller IE-FCM-RJ45-C Datasheet HTML 7Page - Weidmuller IE-FCM-RJ45-C Datasheet HTML 8Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data sheet
 
IE-FCM-RJ45-C
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
 
Creation date November 28, 2024 1:45:39 AM CET
 
Catalogue status 23.11.2024 / We reserve the right to make technical changes.
2
Dimensions and weights
 
Depth
42.9 mm
  Depth (inches)
1.689 inch
Height
44 mm
  Height (inches)
1.732 inch
Width
29.5 mm
  Width (inches)
1.161 inch
Wall thickness, min.
1 mm
  Wall thickness, max.
5 mm
Net weight
25 g
   
 
Temperatures
 
Operating temperature
-40 °C...70 °C
   
 
General data
 
Tightening torque fixing nut
2 Nm
  Connection 1
RJ45
Connection 2
RJ45
  Description of article
FrontCom Micro RJ45 cou-
pling
Colour
black
  Housing main material
PA UL 94 V0
Category
Cat.6A / Class EA (ISO/IEC
11801 2010)
  Contact surface
Gold over nickel
Type of mounting
Cabinet, Distribution box   Shielding
360° shield contact
Protection degree
IP65, in closed state
  Plugging cycles
750 (RJ45)
 
Electrical properties
 
Dielectric strength, contact / contact
≥ 1000 V AC/DC
  Dielectric strength, contact / shield
≥ 1500 V AC/DC
PoE / PoE+
conforming to IEEE
802.3af
   
 
General standards
 
Certificate no. (cULus)
E316369
  Connector standard
IEC 60603-7-51
 
Classifications
 
ETIM 6.0
EC001031
  ETIM 7.0
EC001031
ETIM 8.0
EC001031
  ETIM 9.0
EC001031
ECLASS 9.0
27-18-27-02
  ECLASS 9.1
27-18-27-90
ECLASS 10.0
27-18-27-02
  ECLASS 11.0
27-18-27-02
ECLASS 12.0
27-18-28-92
  ECLASS 13.0
27-18-28-92
ECLASS 14.0
27-18-28-92
   
 
Environmental Product Compliance
 
RoHS Compliance Status
Compliant without exemption
REACH SVHC
No SVHC above 0.1 wt%
 
Approvals
 
Approvals
ROHS
Conform
UL File Number Search
UL Website
Certificate no. (cULus)
E316369
 



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com