Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IE-FCM-RJ45-C Datasheet(PDF) 8 Page - Weidmuller

Part # IE-FCM-RJ45-C
Description  FrontCom Micro RJ45 coupling
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

IE-FCM-RJ45-C Datasheet(HTML) 8 Page - Weidmuller

  IE-FCM-RJ45-C Datasheet HTML 1Page - Weidmuller IE-FCM-RJ45-C Datasheet HTML 2Page - Weidmuller IE-FCM-RJ45-C Datasheet HTML 3Page - Weidmuller IE-FCM-RJ45-C Datasheet HTML 4Page - Weidmuller IE-FCM-RJ45-C Datasheet HTML 5Page - Weidmuller IE-FCM-RJ45-C Datasheet HTML 6Page - Weidmuller IE-FCM-RJ45-C Datasheet HTML 7Page - Weidmuller IE-FCM-RJ45-C Datasheet HTML 8Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Data sheet
 
IE-FCM-RJ45-C
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Accessories
 
 
Creation date November 28, 2024 1:45:39 AM CET
 
Catalogue status 23.11.2024 / We reserve the right to make technical changes.
8
Cable-lug sleeves
  Insulatedtab-connectorsleevesmadefromPVC
with copper sleeve
• Commercially available designs
• Not soldered
• With conical entry funnel
General ordering data
Version
Type
LIF 1,5F288 R
Order No.
9200520000
GTIN (EAN) 4032248410361
Qty.
100 pc(s).
cable lug, terminal end,Insulated cable connector,1.5 mm²,0.5 mm² -
1.5 mm²,red
 



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com