Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IE-FCM-RJ45-C Datasheet(PDF) 7 Page - Weidmuller

Part # IE-FCM-RJ45-C
Description  FrontCom Micro RJ45 coupling
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

IE-FCM-RJ45-C Datasheet(HTML) 7 Page - Weidmuller

  IE-FCM-RJ45-C Datasheet HTML 1Page - Weidmuller IE-FCM-RJ45-C Datasheet HTML 2Page - Weidmuller IE-FCM-RJ45-C Datasheet HTML 3Page - Weidmuller IE-FCM-RJ45-C Datasheet HTML 4Page - Weidmuller IE-FCM-RJ45-C Datasheet HTML 5Page - Weidmuller IE-FCM-RJ45-C Datasheet HTML 6Page - Weidmuller IE-FCM-RJ45-C Datasheet HTML 7Page - Weidmuller IE-FCM-RJ45-C Datasheet HTML 8Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Data sheet
 
IE-FCM-RJ45-C
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Accessories
 
 
Creation date November 28, 2024 1:45:39 AM CET
 
Catalogue status 23.11.2024 / We reserve the right to make technical changes.
7
Complementary products
  SMisaMultiCardmarkerforlabellingcontroland
signalling devices. The tags are clipped into the carriers or
attached by means of the adhesive film already fitted to
them. Customised tags can be created with the PrintJet
CONNECT or Plotter marking systems.
• Users can quickly produce tags to suit their needs
• No need to stock expensive standard tags
• Highly resistant printing quality when using the PrintJet
as a substitute for engraving
• For extreme demands, we recommend the ETO SM
protective film
• Holders can be used for the 22-mm or 30-mm-
diameter push-buttons from Siemens, ABB, Moeller and
Télémécanique
For custom printing: Please send us a file of our
labeling software M-Print PRO or M-Print PRO Online
(without installation) for your labeling specifications.
General ordering data
Version
Type
SM-H 27/18 SW
Order No.
1716630000
GTIN (EAN) 4008190343194
Qty.
25 pc(s).
SwitchMark, Accessories, 48 x 27 mm, black
 
straight
  AssembledIEcables,patchcableCabinetLine,Cat.6,
LSZH, grey
General ordering data
Version
Type
IE-C6FP8LD0010M40M40-D
Order No.
1165940010
GTIN (EAN) 4032248956098
Qty.
1 pc(s).
Patch cable, RJ45 IP 20, RJ45 IP 20, <20 m: Cat.6A / >20 m Class EA
(ISO/IEC 11801 2010), LSZH, 1 m
 



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com