Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS8H100D Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS8H100D
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS8H100D Datasheet(HTML) 2 Page - STMicroelectronics

  STPS8H100D_02 Datasheet HTML 1Page - STMicroelectronics STPS8H100D_02 Datasheet HTML 2Page - STMicroelectronics STPS8H100D_02 Datasheet HTML 3Page - STMicroelectronics STPS8H100D_02 Datasheet HTML 4Page - STMicroelectronics STPS8H100D_02 Datasheet HTML 5Page - STMicroelectronics STPS8H100D_02 Datasheet HTML 6Page - STMicroelectronics STPS8H100D_02 Datasheet HTML 7Page - STMicroelectronics STPS8H100D_02 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STPS8H100D/F/G/R/FP
2/8
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
TO-220AC / I
2PAK/D2PAK
1.6
°C/W
Rth (j-c)
Junction to case
ISOWATT220AC / TO-220FPAC
4
°C/W
THERMAL RESISTANCES
Symbol
Parameter
Tests Conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
Tj = 25°C
VR =VRRM
4.5
µA
Tj = 125°C
2
6
mA
VF **
Forward voltage drop
Tj = 25
°CIF = 8 A
0.71
V
Tj=25
°CIF = 10 A
0.77
Tj=25
°CIF = 16 A
0.81
Tj = 125°C
IF = 8 A
0.56
0.58
Tj = 125
°CIF = 10 A
0.59
0.64
Tj = 125
°CIF = 16 A
0.65
0.68
STATIC ELECTRICAL CHARACTERISTICS
Pulse test :
* tp=5ms,
δ <2%
** tp = 380
µs, δ <2%
To evaluate the maximum conduction losses use the following equation :
P=0.48xIF(AV) + 0.0125 x IF
2
(RMS)
0123
4567
89
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
IF(av) (A)
PF(av)(W)
δ = 0.2
δ = 0.5
δ = 1
δ = 0.05
δ = 0.1
T
δ=tp/T
tp
Fig. 1: Average forward power dissipation versus
average forward current.
(TO-220AC / ISOWATT220AC / I
2PAK/D2PAK)
0
20
40
60
80
100
120
140
160
180
0
2
4
6
8
10
Tamb(°C)
IF(av)(A)
Rth(j-a)=15°C/W
Rth(j-a)=Rth(j-c)
T
δ=tp/T
tp
Fig. 2-1: Average forward current versus ambient
temperature (
δ=0.5) (TO-220AC / I2PAK / D2PAK).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com