Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS8H100D Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS8H100D
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS8H100D Datasheet(HTML) 3 Page - STMicroelectronics

  STPS8H100D_02 Datasheet HTML 1Page - STMicroelectronics STPS8H100D_02 Datasheet HTML 2Page - STMicroelectronics STPS8H100D_02 Datasheet HTML 3Page - STMicroelectronics STPS8H100D_02 Datasheet HTML 4Page - STMicroelectronics STPS8H100D_02 Datasheet HTML 5Page - STMicroelectronics STPS8H100D_02 Datasheet HTML 6Page - STMicroelectronics STPS8H100D_02 Datasheet HTML 7Page - STMicroelectronics STPS8H100D_02 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STPS8H100D/F/G/R/FP
3/8
0
20
40
60
80
100
120
140
160
180
0
2
4
6
8
10
Rth(j-a)=50°C/W
Rth(j-a)=Rth(j-c)
Tamb(°C)
IF(av)(A)
T
δ=tp/T
tp
Fig. 2-2: Average forward current versus ambient
temperature
(
δ=0.5)
(ISOWATT220AC,
TO-220FPAC).
1E-3
1E-2
1E-1
1E+0
0
10
20
30
40
50
60
70
80
90
100
Tc=75°C
Tc=100°C
Tc=125°C
t(s)
IM(A)
IM
t
δ=0.5
Fig. 3-2: Non repetitive surge peak forward current
versus overload duration (maximum values)
(ISOWATT220AC, TO-220FPAC).
1E-3
1E-2
1E-1
1E+0
1E+1
0.0
0.2
0.4
0.6
0.8
1.0
tp(s)
Zth(j-c)/Rth(j-c)
δ = 0.1
δ = 0.2
δ = 0.5
Single pulse
T
δ=tp/T
tp
Fig. 4-2: Relative variation of thermal impedance
junction to case versus pulse duration
(ISOWATT220AC, TO-220FPAC).
1E-3
1E-2
1E-1
1E+0
0
20
40
60
80
100
120
140
160
t(s)
IM(A)
Tc=75°C
Tc=100°C
Tc=125°C
IM
t
δ=0.5
Fig. 3-1: Non repetitive surge peak forward current
versus overload duration (maximum values)
(TO-220AC / I
2PAK/D2PAK).
1E-4
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
tp(s)
Zth(j-c)/Rth(j-c)
δ = 0.1
δ = 0.2
δ = 0.5
Single pulse
T
δ=tp/T
tp
Fig. 4-1: Relative variation of thermal impedance
junction to case versus pulse duration
(TO-220AC / I
2PAK/D2PAK).
0
102030405060708090
100
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
5E+3
VR(V)
IR(µA)
Tj=125°C
Tj=25°C
Fig. 5: Reverse leakage current versus reverse
voltage applied (typical values).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com