Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS8H100D Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS8H100D
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS8H100D Datasheet(HTML) 1 Page - STMicroelectronics

  STPS8H100D_02 Datasheet HTML 1Page - STMicroelectronics STPS8H100D_02 Datasheet HTML 2Page - STMicroelectronics STPS8H100D_02 Datasheet HTML 3Page - STMicroelectronics STPS8H100D_02 Datasheet HTML 4Page - STMicroelectronics STPS8H100D_02 Datasheet HTML 5Page - STMicroelectronics STPS8H100D_02 Datasheet HTML 6Page - STMicroelectronics STPS8H100D_02 Datasheet HTML 7Page - STMicroelectronics STPS8H100D_02 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
STPS8H100D/F/G/R/FP
®
January 2002 - Ed: 5D
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Schottky barrier rectifier designed for high fre-
quency compact Switched Mode Power Sup-
plies such as adaptators and on board DC/DC
converters.
DESCRIPTION
TO-220AC
STPS8H100D
K
A
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF(RMS)
RMS forward current
30
A
IF(AV)
Average forward current
δ = 0.5
TO-220AC /
I
2PAK/D2PAK
Tc= 165°C
8
A
ISOWATT220AC
TO-220FPAC
Tc = 150°C
IFSM
Surge non repetitive forward cur-
rent
tp = 10 ms sinusoidal
250
A
IRRM
Repetitive peak reverse current
tp = 2
µs F = 1kHz square
1
A
IRSM
Non repetitive peak reverse current
tp = 100
µs square
3
A
Tstg
Storage temperature range
- 65 to + 175
°C
Tj
Maximum operating junction temperature
175
°C
dV/dt
Critical rate of rise of rise voltage
10000
V/
µs
ABSOLUTE RATINGS (limiting values)
I2PAK
STPS8H100R
D2PAK
STPS8
ISOWATT220AC
STPS8H100F
K
A
NC
K
A
K
A
NC
IF(AV)
8A
VRRM
100 V
Tj (max)
175 °C
VF (max)
0.58 V
MAIN PRODUCT CHARACTERISTICS
s
Negligible switching losses
s
High junction temperature capability
s
Low leakage current
s
Good trade off between leakage current and
forward voltage drop
s
Insulated package: ISOWATT220AC, TO-220FPAC
Insulating voltage = 2000V DC
Capacitance = 12pF
FEATURES AND BENEFITS
K
A
TO-220FPAC
STPS8H100FP


Similar Part No. - STPS8H100D_02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS8H100DEE STMICROELECTRONICS-STPS8H100DEE Datasheet
90Kb / 8P
High voltage power Schottky rectifier
09-Sep-2012
STPS8H100DEE STMICROELECTRONICS-STPS8H100DEE Datasheet
385Kb / 9P
100 V, 8 A power Schottky rectifier
18-May-2022
STPS8H100DEE-TR STMICROELECTRONICS-STPS8H100DEE-TR Datasheet
385Kb / 9P
100 V, 8 A power Schottky rectifier
18-May-2022
STPS8H100DEE STMICROELECTRONICS-STPS8H100DEE_V01 Datasheet
385Kb / 9P
100 V, 8 A power Schottky rectifier
18-May-2022
More results

Similar Description - STPS8H100D_02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2H100A STMICROELECTRONICS-STPS2H100A Datasheet
76Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Nov-1998
STPS30150CT STMICROELECTRONICS-STPS30150CT Datasheet
93Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Oct-2003
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20100C BCDSEMI-MBR20100C Datasheet
506Kb / 9P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com