Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW41411 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STW41411
Description  Single-coil dual-output step-down DC/DC converter for digital base band and multimedia processor supply
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW41411 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STW41411 Datasheet HTML 6Page - STMicroelectronics STW41411 Datasheet HTML 7Page - STMicroelectronics STW41411 Datasheet HTML 8Page - STMicroelectronics STW41411 Datasheet HTML 9Page - STMicroelectronics STW41411 Datasheet HTML 10Page - STMicroelectronics STW41411 Datasheet HTML 11Page - STMicroelectronics STW41411 Datasheet HTML 12Page - STMicroelectronics STW41411 Datasheet HTML 13Page - STMicroelectronics STW41411 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Electrical characteristics
STw4141
10/30
2.4
Dynamic electrical characteristics
Characteristics measured over recommended operating conditions unless otherwise is
noted.
All typical values are referred to TA = 25°C, PVDD = 3.6V, VDD = 3.6V.
Auto functions
VAUTOH
Voltage selection
threshold high
0.9
V
VAUTOL
Voltage selection
threshold low
0.4
V
State functions
VSTATEH
Voltage selection
threshold high
RLmax = 100k, CLmax = 10pF
0.7VOUT1
V
VSTATEL
Voltage selection
threshold low
RLmax = 100k, CLmax = 10pF
0.3 VOUT1
V
1.
. This condition must always be valid.
2.
Output voltage accuracy excludes line and load transients
Table 4.
DC electrical characteristics (continued)
Symbol
Parameter
Test Conditions
Min.
Typ
Max.
Unit
VOUT1
VOUT2
≥
Table 5.
Dynamic electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ
Max.
Unit
fSW
Switching frequency
900
kHz
fSYNC
Sync mode frequency
600
1500
kHz
Ts
Settling time (soft start)
400
µs
TS2
Settling time
VOUT2 (reduced)/VOUT2
VSEL change from GND to VDD
80
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com