Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW41411 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STW41411
Description  Single-coil dual-output step-down DC/DC converter for digital base band and multimedia processor supply
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW41411 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STW41411 Datasheet HTML 14Page - STMicroelectronics STW41411 Datasheet HTML 15Page - STMicroelectronics STW41411 Datasheet HTML 16Page - STMicroelectronics STW41411 Datasheet HTML 17Page - STMicroelectronics STW41411 Datasheet HTML 18Page - STMicroelectronics STW41411 Datasheet HTML 19Page - STMicroelectronics STW41411 Datasheet HTML 20Page - STMicroelectronics STW41411 Datasheet HTML 21Page - STMicroelectronics STW41411 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Functional description
STw4141
18/30
3
Functional description
Introduction
The STw4141 is an easy to use, single coil dual outputs step down DC/DC converter
optimized to supply low-voltage to CPUs or DSPs in cell phones and other miniature devices
powered by single cell lithium-ion or 3 cell NiMH/NiCd batteries. It provides two different
output voltages with high efficiency operation in a wide range of output currents. The device
offers high DC voltage regulation accuracy and load transient response to satisfy
demanding processor core supply. The converter is based on voltage mode buck
architecture using PWM and PFM operation modes.
At light load currents, the device can operate in PFM mode to maintain high efficiency over
the entire load current range. Switching between PWM and PFM modes can be done
automatically or can be forced by external pins (AUTO and MODE/SYNC). Externally
synchronized or fixed frequency (internal oscillator) PWM mode offers full output current
capability while minimizing interference to sensitive RF and data acquisition circuits.
PWM and PFM mode operation
PWM (Pulse Width Modulation) mode is intended for normal load to high load currents.
Energy is delivered to the load with an accurate and defined frequency of 900 kHz.
PFM (Pulse Frequency Modulation) mode is intended for low load currents to maintain high
efficiency conversion.
Forced mode: When AUTO pin is LOW, the operating mode is selectable by the user itself.
It means that system controls the behavior of the STw4141 according to processor needs.
STw4141 is switched from PWM to PFM mode using MODE/SYNC pin (refer to
Section 4.1).
Automatic PWM / PFM switch: When AUTO pin is HIGH, the operating mode is directly
controlled by internal digital circuit according to processor needs. The device switches from
PWM to PFM by itself if sum of output currents is lower than approximately 100 mA during at
least 16 clock cycles. The device can be forced to PWM mode connecting MODE/SYNC to
HIGH level. (see
Section 2.8 and Section 2.9).
Current limiter
This protection limits the current flowing through coil. As soon as ILIM is detected, the duty
cycle is terminated and prevents the coil current against rising above peak current limit.
There is no reset of device.
Short circuit protection
It protects the device against short-circuit at output terminals. When one or both output
voltages are decreased by 0.7 V below their nominal output values the device enters into
reset followed by soft start sequence.
Thermal shutdown protection
Thermal shutdown protects the device against damage due to overheating when maximum
operating junction temperature is exceeded. The device is kept in reset until junction
temperature decreases by 25°C approximately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com