Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW41411 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STW41411
Description  Single-coil dual-output step-down DC/DC converter for digital base band and multimedia processor supply
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW41411 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STW41411 Datasheet HTML 22Page - STMicroelectronics STW41411 Datasheet HTML 23Page - STMicroelectronics STW41411 Datasheet HTML 24Page - STMicroelectronics STW41411 Datasheet HTML 25Page - STMicroelectronics STW41411 Datasheet HTML 26Page - STMicroelectronics STW41411 Datasheet HTML 27Page - STMicroelectronics STW41411 Datasheet HTML 28Page - STMicroelectronics STW41411 Datasheet HTML 29Page - STMicroelectronics STW41411 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Package outline and mechanical data
STw4141
26/30
5
Package outline and mechanical data
Note:
1
Max mounted height is 1.12 mm. Based on a 0.28 mm ball pad diameter.
Solder paste is 0.15 mm thickness and 0.28 mm diameter.
2
TFBGA stands for Thin Profile Fine Pitch Ball Grid Array.
Thin profile: The total profile height (DIm A) is measured from the seating plane to the top of
the component.
A = 1.01 to 1.20 mm
Fine pitch < 1.00 mm pitch.
3
The tolerance of position that controls the location of the pattern of balls with respect to
datums A and B.
For each ball there is a cylindral tolerance zone eee perpendicular to datum C and located
on true position with respect to datums A and B as defined by e. The axis perpendicular to
datum C of each ball must lie within this tolerance zone.
4
The tolerance of position that controls the location of the balls within the matrix with respect
to each other. For each ball there is a cylindrical tolerance zone fff perpendicular to datum C
and located on true position as defined by e. The axis perpendicular to datum C of each ball
must lie within the tolerance zone.
Each tolerance zone fff in the array is contained entirely in the respective above eee zone
above.
The axis of each ball must be simultaneously in both tolerance zones.
5
Leadfree package according to JEDEC JESD-020-C
Table 10.
TFBGA 3x3x1.20 16 F4x4 0.50. Package code: L0 - JEDEC/EAIJ
Ref
Min.
Typ.
Max.
A
1.01
1.20 (
Note 1)
A1
0.15
A2
0.82
b
0.25
0.30
0.35
D
2.85
3.00
3.15
D1
1.50
E
2.85
3.00
3.15
E1
1.50
e0.50
ddd
0.85
0.08
eee
0.15
fff
0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com