Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMPC Datasheet(PDF) 1 Page - Amkor Technology

Part # SMPC
Description  The PSMC package is part of the FLAT series of compact surface mount packages which allow miniaturization.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

SMPC Datasheet(HTML) 1 Page - Amkor Technology

  SMPC Datasheet HTML 1Page - Amkor Technology SMPC Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Application
With both 2 and 3 lead versions available, the PSMC package is suitable for
high‑efficiency diode as well as transistor applications.
f
Schottky Barrier Diodes (SBDs)
f
Rectifier & Zener Diodes
f
Transient Voltage Suppressors (TVS)
f
MOSFETs
Reliability Qualification
Amkor devices are assembled with proven reliable semiconductor materials.
f
All reliability test include JSTD‑020 moisture pre‑conditioning except high
temperature storage
f
Moisture sensitivity characterization: JEDEC level 1 85°C/85% RH, 168
hours, IR reflow 260°C 3x
f
uHAST: 130°C/85% RH, no bias, 96 hours
f
Temperature cycle: ‑65~150°C, 2000 cycles
f
High temperature storage: 150°C for 1000 hours
Test Services
Amkor offers full turnkey business for all power products, with the
capability to test various types of power devices including MOSFETs, bipolar
transistors, IGBTs, diodes and regulator ICs/intelligent power devices.
f
Amkor power test capability
▷ Static test (DC)
▷ Dynamic test (AC, switching/trr, capacitance/Rg)
▷ Destruction test (inductive load/VSUS)
▷ Thermal resistance (ΔVDS, ΔmV, etc.)
f
Program generation/conversion
f
Failure analysis
f
Available test/handling technology
f
Integrated marking, vision inspection and tape & reel services
The PSMC package is part of the FLAT series of compact surface
mount packages which allow miniaturization. The Cu clip structure
of interconnect features reduces electrical resistance and enhances
thermal performance compared to wirebonded products.
f
This package may also be known as
▷ TO277-A
▷ SMPC
▷ CFP15
PSMC
DATA SHEET | POWER PRODUCTS
FEATURES
f
Cu connector structure to reduce
inductance and resistance
f
Enhanced thermal properties
f
Turnkey with test and packing services
f
Green materials: Pb‑free plating &
halogen-free mold compound
NEW DEVELOPMENTS
f
Larger/higher‑density leadframe strips
f
Environmentally‑friendly Pb‑free solder
paste
PROCESS HIGHLIGHTS
f
Bare copper leadframe with no plating
f
Interconnect: Cu clips technology
for better electrical and thermal
performance
f
Plating: 100% Matte Sn
f
Marking: Pen‑type laser


Similar Part No. - SMPC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMPC10A VISHAY-SMPC10A Datasheet
94Kb / 5P
Surface Mount TRANSZORB® Transient Voltage Suppressors
19-Apr-11
SMPC10A VISHAY-SMPC10A Datasheet
109Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
17-Sep-2021
SMPC11A VISHAY-SMPC11A Datasheet
94Kb / 5P
Surface Mount TRANSZORB® Transient Voltage Suppressors
19-Apr-11
SMPC11A VISHAY-SMPC11A Datasheet
109Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
17-Sep-2021
SMPC12A VISHAY-SMPC12A Datasheet
94Kb / 5P
Surface Mount TRANSZORB® Transient Voltage Suppressors
19-Apr-11
More results

Similar Description - SMPC

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FO-FC-RS-A2-R JAE-FO-FC-RS-A2-R Datasheet
110Kb / 1P
THE SHAPE OF INDICATED RADIUS PART IS NOT STRICT REQUIREMENT
logo
List of Unclassifed Man...
NJM2406F-TE1 ETC-NJM2406F-TE1 Datasheet
157Kb / 4P
The NJM2406 is a single comparator of ultra miniature surface mount package.
logo
World Produts Inc.
WPANTDP078-R1A WPI-WPANTDP078-R1A Datasheet
243Kb / 2P
Picture of the Part
logo
Xilinx, Inc
XC3000L XILINX-XC3000L Datasheet
51Kb / 8P
Part of the ZERO family of 3.3 V FPGAs
logo
PHOENIX CONTACT
2230006 PHOENIX-2230006 Datasheet
57Kb / 2P
Part of the EnviroCase System
2230010 PHOENIX-2230010 Datasheet
58Kb / 2P
Part of the EnviroCase System
logo
Shenzhen Huazhimei Semi...
HM9300 HMSEMI-HM9300 Datasheet
244Kb / 2P
The package and pin of the chip
logo
ams AG
KWDMLN34.EC AMSCO-KWDMLN34.EC Datasheet
1Mb / 23P
This compact LED device is part of the SYNIOS P2720 family.
Version 1.1 2020-07-30
KWDMLS33.SG AMSCO-KWDMLS33.SG Datasheet
1Mb / 25P
KW DMLS33.SG is part of the SYNIOS P2720 family.
Version 1.7 2023-03-07
SUCZHEF1.VC AMSCO-SUCZHEF1.VC Datasheet
1Mb / 24P
This compact UV-C LED is part of the OSLON UV Series.
Version 1.6 2023-06-19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com