Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1211D103C Datasheet(PDF) 13 Page - RICOH electronics devices division

Part # R1211D103C
Description  STEP-UP DC/DC CONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1211D103C Datasheet(HTML) 13 Page - RICOH electronics devices division

Back Button R1211D103C Datasheet HTML 9Page - RICOH electronics devices division R1211D103C Datasheet HTML 10Page - RICOH electronics devices division R1211D103C Datasheet HTML 11Page - RICOH electronics devices division R1211D103C Datasheet HTML 12Page - RICOH electronics devices division R1211D103C Datasheet HTML 13Page - RICOH electronics devices division R1211D103C Datasheet HTML 14Page - RICOH electronics devices division R1211D103C Datasheet HTML 15Page - RICOH electronics devices division R1211D103C Datasheet HTML 16Page - RICOH electronics devices division R1211D103C Datasheet HTML 17Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
R1211x
13
(Step3)
When SS reaches 1V, soft-start operation finishes. VREF becomes constant voltage (=1V). Then the switching
operation becomes normal mode.
SS
VFB,VREF
DTC
AMPOUT
AMPOUT
SS,VREF
Step1
Step2
Step3
VFB
VOUT
VIN
<Latch Protection Operation>
The operation of Latch protection circuit is as follows: When AMPOUT becomes "H" and the IC detects
maximum duty cycle, charge to an external capacitor, C2 of DELAY pin starts. And maximum duty cycle
continues and the voltage of DELAY pin reaches delay voltage detector threshold, VDLY, outputs "L" to EXT pin
and turns off the external power MOSFET.
To release the latch protection operation, make the IC be standby mode with CE pin and make it active in
terms of R1211x002B/D version. Otherwise, make supply voltage down to UVLO detector threshold or lower,
and make it rise up to the normal input voltage.
During the soft-start time, if the duty cycle may be the maximum, protection circuit does not work and DELAY
pin is fixed at GND level.
The delay time of latch protection can be calculated with C2, VDLY, and Delay Pin Charge Current, IDLY1, as in
the next formula.
t=C2
× VDLY/IDLY1
Once after the maximum duty is detected and released before delay time, charge to the capacitor is halt and
delay pin outputs "L".
AMPOUT
AMPOUT
DTC
Output Short
Normal
Latched
Maxduty Operation
EXT
DELAY
VDLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com