Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1211D103C Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # R1211D103C
Description  STEP-UP DC/DC CONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1211D103C Datasheet(HTML) 2 Page - RICOH electronics devices division

  R1211D103C Datasheet HTML 1Page - RICOH electronics devices division R1211D103C Datasheet HTML 2Page - RICOH electronics devices division R1211D103C Datasheet HTML 3Page - RICOH electronics devices division R1211D103C Datasheet HTML 4Page - RICOH electronics devices division R1211D103C Datasheet HTML 5Page - RICOH electronics devices division R1211D103C Datasheet HTML 6Page - RICOH electronics devices division R1211D103C Datasheet HTML 7Page - RICOH electronics devices division R1211D103C Datasheet HTML 8Page - RICOH electronics devices division R1211D103C Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
R1211x
2
BLOCK DIAGRAMS
Version A/C
Version B/D
VFB
AMPOUT
EXT
VIN
GND
DELAY
OSC
UVLO
Latch
+
-
+
-
-
-
Vref
DTC
VFB
CE
EXT
VIN
GND
DTC
DELAY
OSC
UVLO
Latch
+
-
+
-
-
-
Chip
Enable
Vref
SELECTION GUIDE
In the R1211x Series, the oscillator frequency, the optional function, and the package type for the ICs can be
selected at the user's request.
The selection can be made with designating the part number as shown below;
R1211x002x-TR ←Part Number
↑
↑
a
b
Code
Contents
a
Designation of Package Type:
D: SON-6
N: SOT23-6W
b
Designation of Optional Function
A : 700kHz, with AMPOUT pin (External Phase Compensation Type)
B : 700kHz, with CE pin (Internal Phase Compensation Type, with Stand-by)
C : 300kHz, with AMPOUT pin (External Phase Compensation Type)
D : 300kHz, with CE pin (Internal Phase Compensation Type, with Stand-by)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com