Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1211D103C Datasheet(PDF) 21 Page - RICOH electronics devices division

Part # R1211D103C
Description  STEP-UP DC/DC CONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1211D103C Datasheet(HTML) 21 Page - RICOH electronics devices division

Back Button R1211D103C Datasheet HTML 17Page - RICOH electronics devices division R1211D103C Datasheet HTML 18Page - RICOH electronics devices division R1211D103C Datasheet HTML 19Page - RICOH electronics devices division R1211D103C Datasheet HTML 20Page - RICOH electronics devices division R1211D103C Datasheet HTML 21Page - RICOH electronics devices division R1211D103C Datasheet HTML 22Page - RICOH electronics devices division R1211D103C Datasheet HTML 23Page - RICOH electronics devices division R1211D103C Datasheet HTML 24Page - RICOH electronics devices division R1211D103C Datasheet HTML 25Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
R1211x
21
R1211x002C
R1211x002C
0
20
40
100
60
80
Output Current IOUT(mA)
1
10
100
1000
L=22
µH
VOUT=5V
VIN=2.5V
VIN=3.3V
0
20
40
100
60
80
Output Current IOUT(mA)
1
10
100
1000
L=22
∝H
VOUT=10V
VIN=2.5V
VIN=3.3V
VIN=5.0V
R1211x002C
R1211x002D
0
20
40
100
60
80
Output Current IOUT(mA)
1
10
100
1000
L=22
µH
VOUT=15V
VIN=2.5V
VIN=3.3V
VIN=5.0V
0
20
40
100
60
80
Output Current IOUT(mA)
1
10
100
1000
L=22
µH
VOUT=5V
VIN=2.5V
VIN=3.3V
R1211x002D
R1211x002D
0
20
40
100
60
80
Output Current IOUT(mA)
1
10
100
1000
L=22
µH
VOUT=10V
VIN=2.5V
VIN=3.3V
VIN=5.0V
0
20
40
100
60
80
Output Current IOUT(mA)
1
10
100
1000
L=22
µH
VOUT=15V
VIN=2.5V
VIN=3.3V
VIN=5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com