Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2744GS Datasheet(PDF) 2 Page - NEC

Part # UPC2744GS
Description  SILICON MMIC UHF/VHF DUAL DOWNCONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2744GS Datasheet(HTML) 2 Page - NEC

  UPC2744GS Datasheet HTML 1Page - NEC UPC2744GS Datasheet HTML 2Page - NEC UPC2744GS Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25°C, VCC = 9 V, fIF = 45 MHz)
POSC4
Power at OSC Output (Pin 6)
fLO = 100 to 900 MHz
dBm
-20
0
-20
0
-20
0
-20
0
fLO = 100 MHz
dBm
-4
-4
-4
-4
fLO = 405 MHz
dBm
-5
-5
-5
-5
fLO = 445 MHz
dBm
-9
-9
-9
-9
fLO = 845 MHz
dBm
-13
-13
-13
-13
NF3
Noise Figure
fRF = 55 MHz
dB
13
16
11
14
fRF = 200 MHz
dB
13
16
11
14
fRF = 470 MHz
dB
13
16
12
15
11
14
10
13
fRF = 890 MHz
dB
12
15
10
13
NF4
Noise Figure
fRF = 55 MHz
dB
12.3
9.2
fRF = 360 MHz
dB
13.4
9.4
fRF = 400 MHz
dB
11.0
8.3
fRF = 800 MHz
dB
12.7
10.0
CM5
1% Cross Modulation
fdes = 55 MHz
dB
µ
97
92
fdes = 360 MHz
dB
µ
94
90
fdes = 400 MHz
dB
µ
92
82
fdes = 800 MHz
dB
µ
90
80
S/I6
Six Channel Beat
dBc
57.5
53.5
PART NUMBER
UPC2743GS
UPC2744GS
PACKAGE OUTLINE
G20
G20
VHF1
UHF2
VHF1
UHF2
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UPC2743GS, UPC2744GS
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Supply Voltage
V
11.0
PT
Total Power Dissipation2
mW
750
TOP
Operating Temperature
°C
-20 to +75
TSTG
Storage Temperature
°C
-55 to +150
TEST CIRCUIT - EXTERNAL OSCILLATOR
Notes:
1. Operation in excess of any one of these parameters may result in
permanent damage.
2. Mounted on a 50 x 50 x 1.6 mm epoxy glass PWB (TA = +75
°C).
MODE
VCC
MODE
SELECT
VHF
9V
Open
UHF
9V
9V
Notes:
1. Mode Select (Pin 5) = open.
2. Mode Select (Pin 5) = 9 V.
3. Measured with external LO, PLO = -5 dBm.
4. Measured with internal LO.
5. fUNDESIRED = fDESIRED +12 MHz, PIN = -30 dBm, AM 100 KHz, 30% modulation, S/I ratio = 46 dBc, open output terminal.
6. fP = 83.25 MHz, fs = 87.75, PIN = -30 dBm each, fLO = 129 MHz.
RECOMMENDED
OPERATING CONDITIONS
1000 pF
1000 pF
1000 pF
1000 pF
1000 pF
1000 pF
1000 pF
1000 pF
1000 pF
NC
NC
VCC
IF OUT
VHF RF IN
1000 pF
1000 pF
1000 pF
1000 pF
1000 pF
1000 pF
1000 pF
UHF RF IN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
UHF OSC IN
MODE SELECT
VHF OSC IN
SYMBOLS
PARAMETERS
UNITS
MIN
TYP
MAX
VCC
Supply Voltage
V
8.0
9.0
10.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com