Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2744GS Datasheet(PDF) 3 Page - NEC

Part # UPC2744GS
Description  SILICON MMIC UHF/VHF DUAL DOWNCONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2744GS Datasheet(HTML) 3 Page - NEC

  UPC2744GS Datasheet HTML 1Page - NEC UPC2744GS Datasheet HTML 2Page - NEC UPC2744GS Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UPC2743GS, UPC2744GS
OUTLINE DIMENSIONS1 (Units in mm)
LEAD CONNECTIONS
PACKAGE OUTLINE2 G20
TEST CIRCUIT - INTERNAL OSCILLATOR
Notes:
1. All dimensions are typical unless otherwise specified.
2. Package will be marked 2743 or 2744 as shown. "XXXXX" is date/
lot code.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
(Top View)
1. UHF OSC COLLECTOR
(Tr. 1)
2. UHF OSC BASE (Tr. 2)
3. UHF OSC BASE (Tr. 1)
4.
UHF OSC COLLECTOR
(Tr. 2)
5. MODE SELECT
6. OSC OUTPUT
7. GND
8. VHF OSC BASE (BYPASS)
9. VHF OSC BASE
10. VHF OSC COLLECTOR
11. REGULATOR BYPASS
12. IF OUTPUT
13. VCC
14. MIXER OUTPUT 1
15. MIXER OUTPUT 2
16. VHF RF INPUT 1
17. VHF RF INPUT 2
18. GND
19. UHF RF INPUT 1
20. UHF RF INPUT 2
PART NUMBER
QTY
ORDERING INFORMATION
UPC2743GS-E1
2500 per Reel
UPC2744GS-E1
2500 per Reel
Note:
Embossed Tape, 24 mm wide,
Pins 1-10 are in tape pull-out direction.
20
11
1
10
13.00 MAX
7.7±0.3
5.6
1.1
0.6±0.2
0.20
1.8 MAX
0.40
1.27
0.78 MAX
N
+0.10
- 0.05
1.55
0.1 ±0.1
+0.10
- 0.05
JAPAN
NEC
C2743GS
XXXXX
47K
300p
3T
3T
12p
12p
300p
1p
47K
1p
IT363
1000p
1000p
10p
47K
200p
3T
IT363
3p
IT363
47K
1SS317
5T
1000p
2.7 K
1000p
0.1
µ
1000p
0.1
µ 47K
LB
HB VTUNE
1000p
1000p
1000p
6p
1.2
µH
1000p
1000p
1000p
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
MODE SELECT
OSC OUT
20
VTUNE
1000p
UHF IN
VHF IN
VCC (9V)
IF OUT
VHF BAND
LB
HB
VHF LOW BAND
9V
OPEN
VHF HIGH BAND
OPEN
9V
MODE
VCC
SELECT
VHF
9V
OPEN
UHF
9V
9V
MODE
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) • Internet: http://WWW.CEL.COM
PRINTED IN USA ON RECYCLED PAPER -11/97
DATA SUBJECT TO CHANGE WITHOUT NOTICE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com