Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2744GS Datasheet(PDF) 1 Page - NEC

Part # UPC2744GS
Description  SILICON MMIC UHF/VHF DUAL DOWNCONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2744GS Datasheet(HTML) 1 Page - NEC

  UPC2744GS Datasheet HTML 1Page - NEC UPC2744GS Datasheet HTML 2Page - NEC UPC2744GS Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON MMIC UHF/VHF
DUAL DOWNCONVERTER
INTERNAL BLOCK DIAGRAM
UPC2743GS
UPC2744GS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
PART NUMBER
UPC2743GS
UPC2744GS
PACKAGE OUTLINE
G20
G20
VHF1
UHF2
VHF1
UHF2
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
ICC
Circuit Current (no signal)
mA
37
47
57
39
49
59
37
47
57
39
49
59
CG3
Conversion Gain (PRF = -30 dBm)
fRF = 55 MHz
dB
16.5
20
23.5
21.5
25
28.5
fRF = 200 MHz
dB
16.5
20
23.5
21.5
25
28.5
fRF = 470 MHz
dB
16.5
20
23.5
19.5
23
26.5
21.5
25
28.5
27.5
31
34.5
fRF = 890 MHz
dB
19.5
23
26.5
27.5
31
34.5
CG4
Conversion Gain (PRF = -30 dBm)
fRF = 55 MHz
dB
22
27.5
fRF = 360 MHz
dB
22.5
28
fRF = 400 MHz
dB
27
35.5
fRF = 800 MHz
dB
26.5
35
PSAT3
Saturated Output Power (PRF = 0 dBm)
fRF = 55 MHz
dBm
10
13
10
13
fRF = 200 MHz
dBm
10
13
10
13
fRF = 470 MHz
dBm
10
13
10
13
10
13
10
13
fRF = 890 MHz
dBm
10
13
10
13
DESCRIPTION
Notes:
1. Mode Select (Pin 5) = open.
2. Mode Select (Pin 5) = 9 V.
3. Measured with external LO, PLO = -5 dBm.
4. Measured with internal LO
FEATURES
•
UHF AND VHF DOWNCONVERTERS ON A SINGLE IC
•
HIGH CONVERSION GAIN: 31 dB (UPC2744GS)
23 dB (UPC2743GS)
•
LOW DISTORTION: UPC2743GS
•
TYPICAL SATURATED OUTPUT POWER: +13 dBm
•
9 V SINGLE SUPPLY
•
SMALL PACKAGE: 20 PIN SOP
Suitable for Surface Mount
•
TAPE AND REEL PACKAGING OPTION AVAILABLE
The UPC2743GS and UPC2744GS are Silicon Monolithic
Integrated Circuits designed using the NESAT II MMIC pro-
cess. These products consist of UHF and VHF double bal-
anced mixers and local oscillators, an IF amplifier, an oscillator
output buffer amplifier and a UHF/VHF switching circuit.
These devices are ideal for TV and VCR tuners.
NEC's stringent quality assurance and test procedures en-
sure the highest reliability and performance.
ELECTRICAL CHARACTERISTICS (TA = 25°C, VCC = 9 V, fIF = 45 MHz)
California Eastern Laboratories


Similar Part No. - UPC2744GS

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2745 NEC-UPC2745 Datasheet
381Kb / 20P
3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2745T NEC-UPC2745T Datasheet
115Kb / 5P
3 V, 2.7 GHz Si MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2745T CEL-UPC2745T Datasheet
2Mb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC2745T-E3 NEC-UPC2745T-E3 Datasheet
115Kb / 5P
3 V, 2.7 GHz Si MMIC WIDEBAND AMPLIFIER
UPC2745TB NEC-UPC2745TB Datasheet
381Kb / 20P
3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
More results

Similar Description - UPC2744GS

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2791TB NEC-UPC2791TB Datasheet
114Kb / 9P
5 V, SUPER MINIMOLD SILICON MMIC VHF-UHF WIDEBAND AMPLIFIER
logo
ON Semiconductor
MPSH10 ONSEMI-MPSH10 Datasheet
78Kb / 4P
VHF/UHF Transistors(NPN Silicon)
1996
logo
ANADIGICS, Inc
ACD0900S3C ANADIGICS-ACD0900S3C Datasheet
252Kb / 4P
VHF/UHF CATV/TV Tuner Downconverter
Rev 0
logo
NEC
UPC2721GR NEC-UPC2721GR Datasheet
47Kb / 6P
SILICON MMIC L BAND DOWNCONVERTER
UPC2721GV NEC-UPC2721GV Datasheet
50Kb / 5P
SILICON MMIC L BAND DOWNCONVERTER
UPC2734GR NEC-UPC2734GR Datasheet
77Kb / 5P
SILICON MMIC L-BAND DOWNCONVERTER
logo
ON Semiconductor
MMBT918LT1 ONSEMI-MMBT918LT1 Datasheet
48Kb / 3P
VHF/UHF Transistor NPN Silicon
January, 2006 ??Rev. 5
logo
California Eastern Labs
UPC2721GV CEL-UPC2721GV Datasheet
258Kb / 6P
SILICON MMIC L BAND DOWNCONVERTER
logo
NEC
UPC2782GR NEC-UPC2782GR_00 Datasheet
57Kb / 8P
SILICON MMIC L/S BAND DOWNCONVERTER
logo
Pan Jit International I...
MMBT918W PANJIT-MMBT918W Datasheet
97Kb / 3P
VHF/UHF NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com