Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53-E Datasheet(PDF) 13 Page - STMicroelectronics

Part # VIPER53-E
Description  OFF-line primary switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VIPER53-E Datasheet HTML 9Page - STMicroelectronics VIPER53-E Datasheet HTML 10Page - STMicroelectronics VIPER53-E Datasheet HTML 11Page - STMicroelectronics VIPER53-E Datasheet HTML 12Page - STMicroelectronics VIPER53-E Datasheet HTML 13Page - STMicroelectronics VIPER53-E Datasheet HTML 14Page - STMicroelectronics VIPER53-E Datasheet HTML 15Page - STMicroelectronics VIPER53-E Datasheet HTML 16Page - STMicroelectronics VIPER53-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
VIPer53 - E
Operation pictures
13/36
Figure 14. Error amplifier test cpfiguration
This configuration is for test purpose only. In order to insure a correct stability of the error
amplifier, a capacitor of 10nF (minimum value: 8nF) should be always connected between
COMP pin and ground. See figures Figure 18, 19 and 22.
Figure 15. Error amplifier transfer function
15V
VDD
OSC
DRAIN
SOURCE
COMP
TOVL
R
2.5 V
Vin
Vout
-60
-40
-20
0
20
40
60
Gain (dB)
Frequency (Hz)
Open
R = 10 k
Ω
R = 2.2 k
Ω
R = 470
Ω
1
10
100
1k
10k
100k
1M
10M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com