Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53-E Datasheet(PDF) 4 Page - STMicroelectronics

Part # VIPER53-E
Description  OFF-line primary switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53-E Datasheet(HTML) 4 Page - STMicroelectronics

  VIPER53-E Datasheet HTML 1Page - STMicroelectronics VIPER53-E Datasheet HTML 2Page - STMicroelectronics VIPER53-E Datasheet HTML 3Page - STMicroelectronics VIPER53-E Datasheet HTML 4Page - STMicroelectronics VIPER53-E Datasheet HTML 5Page - STMicroelectronics VIPER53-E Datasheet HTML 6Page - STMicroelectronics VIPER53-E Datasheet HTML 7Page - STMicroelectronics VIPER53-E Datasheet HTML 8Page - STMicroelectronics VIPER53-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Electrical characteristics
VIPer53 - E
4/36
2
Electrical characteristics
TJ = 25°C, VDD = 13V, unless otherwise specified
Table 3.
Power section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-source voltage ID = 1mA; VCOMP = 0V
620
V
IDSS
Off state drain
current
VDS = 500V; VCOMP = 0V;
TJ = 125°C
150
µA
RDS(on)
Static drain-source
On state resistance
ID = 1A; VCOMP = 4.5V; VTOVL = 0V
TJ = 25°C
TJ = 100°C
0.9
1
1.7
Ω
Ω
tfv
Fall time
ID = 0.2A; VIN = 300V
(1)
1.
On clamped inductive load
100
ns
trv
Rise time
ID = 1A; VIN = 300V
(1)
50
ns
Coss
Drain capacitance
VDS = 25V
170
pF
CEon
Effective output
capacitance
200V < VDSon < 400V
(2)
2.
This parameter can be used to compute the energy dissipated at turn on Eton according to the initial drain
to source voltage VDSon and the following formula:
60
pF
Table 4.
Oscillator section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
FOSC1
Oscillator frequency
initial accuracy
RT = 8kΩ; CT = 2.2nF
Figure 12 on page 12
95
100
105
kHz
FOSC2
Oscillator frequency
total variation
RT = 8kΩ; CT = 2.2nF
Figure 16 on page 14
VDD = VDDon ... VDDovp;
TJ = 0 ... 100°C
93
100
107
kHz
VOSChi
Oscillator peak
voltage
9V
VOSClo
Oscillator valley
voltage
4V
E
ton
1
2
---
C
Eon
300
2
V
DSon
300
----------------
⎝⎠
⎛⎞
1.5
⋅⋅
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com