Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53-E Datasheet(PDF) 21 Page - STMicroelectronics

Part # VIPER53-E
Description  OFF-line primary switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53-E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VIPER53-E Datasheet HTML 17Page - STMicroelectronics VIPER53-E Datasheet HTML 18Page - STMicroelectronics VIPER53-E Datasheet HTML 19Page - STMicroelectronics VIPER53-E Datasheet HTML 20Page - STMicroelectronics VIPER53-E Datasheet HTML 21Page - STMicroelectronics VIPER53-E Datasheet HTML 22Page - STMicroelectronics VIPER53-E Datasheet HTML 23Page - STMicroelectronics VIPER53-E Datasheet HTML 24Page - STMicroelectronics VIPER53-E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
VIPer53 - E
Standby mode
21/36
Equation 3
Where Ip(VCOMPbl
2) is the peak Power MOSFET current corresponding to a compensation
voltage of VCOMPbl (1V).
Note:
The power point PSTBY where the converter is going into burst mode does not depend on
the input voltage.
The standby frequency FSWstby is given by:
Equation 4
The ratio between the nominal and standby switching frequencies can be as high as 4,
depending on the Lp value and input voltage.
Figure 20. Standby mode implementation
P
STBY
1
2
---
F
SWnom
•
Ip
2
V
COMPbl
()
•
Lp
•
=
P
SWstby
P
STBY
P
RST
-----------------
F
SWnom
•
=
VCOMP
VCOMPsd
VCOMPbl
VCOMPoff
600ns
350ns
FSW
PIN
FSWnom
FSWstby
PSTBY
PRST
Minimum
1
3
2
1
2
3
ton
turn on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com