Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53DIP-E Datasheet(PDF) 25 Page - STMicroelectronics

Part # VIPER53DIP-E
Description  OFF-line primary switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53DIP-E Datasheet(HTML) 25 Page - STMicroelectronics

Back Button VIPER53DIP-E Datasheet HTML 21Page - STMicroelectronics VIPER53DIP-E Datasheet HTML 22Page - STMicroelectronics VIPER53DIP-E Datasheet HTML 23Page - STMicroelectronics VIPER53DIP-E Datasheet HTML 24Page - STMicroelectronics VIPER53DIP-E Datasheet HTML 25Page - STMicroelectronics VIPER53DIP-E Datasheet HTML 26Page - STMicroelectronics VIPER53DIP-E Datasheet HTML 27Page - STMicroelectronics VIPER53DIP-E Datasheet HTML 28Page - STMicroelectronics VIPER53DIP-E Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
VIPer53 - E
Transconductance error amplifier
25/36
11
Transconductance error amplifier
The VIPer53-E includes a transconductance error amplifier. Transconductance Gm is the
change in output current ICOMP versus change in input voltage VDD. Thus:
Equation 8
The output impedance ZCOMP at the output of this amplifier (COMP pin) can be defined as:
Equation 9
This last equation shows that the open loop gain AVOL can be related to Gm and ZCOMP:
Equation 10
where Gm value for VIPer53 is typically 1.4mA/V.
Gm is well defined by specification, but ZCOMP, and therefore AVOL, are subject to large
tolerances. An impedance Z must be connected between the COMP pin and ground in order
to accurately define the transfer function F of the error amplifier, the following equation, very
similar to the one above:
Equation 11
The error amplifier frequency response is shown in .0 for different values of a simple
resistance connected on the COMP pin. The unloaded transconductance error amplifier
shows an internal ZCOMP of about 140KΩ. More complex impedances can be connected on
the COMP pin to achieve different compensation methods. A capacitor provides an
integrator function, thus eliminating the DC static error, and a resistance in series leads to a
flat gain at higher frequency, introducing a zero level and ensuring a correct phase margin.
This configuration illustrated in Figure 22, for the schematic and Figure 23 on page 28 for
the error amplifier transfer function for a typical set of values of CCOMP and RCOMP.
Note that a 10nF capacitor (8nF, minimum value) should always be connected to the COMP
pin to ensure a correct stability of the internal error amplifier.
The complete converter open loop transfer function can be built from both power cell and
error amplifier transfer functions. A theoretical example can be seen in Figure 24 for a
discontinuous mode flyback loaded by a simple resistor, regulated from primary side (no
Gm
∂I
COMP
∂V
DD
--------------------
=
Z
COMP
∂V
COMP
∂I
COMP
----------------------
1
Gm
----------
∂V
COMP
∂V
DD
----------------------
⋅
=
=
A
VOL
Gm
Z
COMP
⋅
=
Fs
()
Gm
Z s
()
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com