Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53DIP-E Datasheet(PDF) 33 Page - STMicroelectronics

Part # VIPER53DIP-E
Description  OFF-line primary switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53DIP-E Datasheet(HTML) 33 Page - STMicroelectronics

Back Button VIPER53DIP-E Datasheet HTML 28Page - STMicroelectronics VIPER53DIP-E Datasheet HTML 29Page - STMicroelectronics VIPER53DIP-E Datasheet HTML 30Page - STMicroelectronics VIPER53DIP-E Datasheet HTML 31Page - STMicroelectronics VIPER53DIP-E Datasheet HTML 32Page - STMicroelectronics VIPER53DIP-E Datasheet HTML 33Page - STMicroelectronics VIPER53DIP-E Datasheet HTML 34Page - STMicroelectronics VIPER53DIP-E Datasheet HTML 35Page - STMicroelectronics VIPER53DIP-E Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
VIPer53 - E
Package mechanical data
33/36
Figure 26. Package dimensions
Table 12.
PowerSO-10 mechanical data
Dimensions
Ref.
Databook (mm)
Nom.
Min
Max
A
3.35
3.65
A1
0.00
0.10
B
0.40
0.60
c
0.35
0.55
D
9.40
9.60
D1
7.40
7.60
E
9.30
9.50
E1
7.20
7.40
E2
7.20
7.60
E3
6.10
6.35
E4
5.90
6.10
e
1.27
F
1.25
1.35
H
13.80
14.40
h
0.50
L
1.20
1.80
q
1.70
α
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com