Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53DIP-E Datasheet(PDF) 5 Page - STMicroelectronics

Part # VIPER53DIP-E
Description  OFF-line primary switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53DIP-E Datasheet(HTML) 5 Page - STMicroelectronics

  VIPER53DIP-E Datasheet HTML 1Page - STMicroelectronics VIPER53DIP-E Datasheet HTML 2Page - STMicroelectronics VIPER53DIP-E Datasheet HTML 3Page - STMicroelectronics VIPER53DIP-E Datasheet HTML 4Page - STMicroelectronics VIPER53DIP-E Datasheet HTML 5Page - STMicroelectronics VIPER53DIP-E Datasheet HTML 6Page - STMicroelectronics VIPER53DIP-E Datasheet HTML 7Page - STMicroelectronics VIPER53DIP-E Datasheet HTML 8Page - STMicroelectronics VIPER53DIP-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
VIPer53 - E
Electrical characteristics
5/36
Table 5.
Supply section
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
VDSstart
Drain voltage starting
threshold
VDD = 5V; IDD = 0mA
34
50
V
IDDch1
Startup charging current
VDD = 0 ... 5V; VDS = 100V
Figure 5 on page 10
-12
mA
IDDch2
Startup charging current
VDD = 10V; VDS = 100VFigure 5.
-2
mA
IDDchoff
Startup charging current
in thermal shutdown
VDD = 5V; VDS = 100VFigure 7.
TJ > TSD - THYST
0mA
IDD0
Operating supply current
not switching
Fsw = 0kHz; VCOMP = 0V
811
mA
IDD1
Operating supply current
switching
Fsw = 100kHz
9mA
VDDoff
VDD undervoltage
shutdown threshold
Figure 5 on page 10
7.5
8.4
9.3
V
VDDon
VDD startup threshold
Figure 5.
10.2
11.5
12.8
V
VDDhyst VDD threshold hysteresis Figure 5.
2.6
3.1
V
VDDovp
VDD Overvoltage
shutdown threshold
Figure 5.
17
18
19
V
Table 6.
Error amplifier section
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
VDDreg
VDD regulation point
ICOMP = 0mA
Figure 11. on page 11
14.5
15
15.5
V
∆VDDreg
VDD regulation point
total variation
ICOMP = 0mA; TJ = 0 ... 100°C
2
%
GBW
Unity gain bandwidth
From Input = VDD to Output =
VCOMP
ICOMP = 0mA Figure 14 and 15
700
kHz
AVOL
Voltage gain
ICOMP = 0mA Figure 14 and 15
40
45
dB
Gm
DC transconductance
VCOMP = 2.5V Figure 11.
11.4
1.8
mS
VCOMPlo Output low level
ICOMP = -0.4mA; VDD = 16V
0.2
V
VCOMPhi Output high level
ICOMP = 0.4mA; VDD=14V
(1)
1.
In order to insure a correct stability of the error amplifier, a capacitor of 10nF (minimum value: 8nF) should
always be present on the COMP pin.
4.5
V
ICOMPlo Output sinking current
VCOMP = 2.5V; VDD = 16V
Figure 11. on page 11
-0.6
mA
ICOMPhi Output sourcing current
VCOMP = 2.5V; VDD= 14V
Figure 11.
0.6
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com