Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53SPTR-E Datasheet(PDF) 8 Page - STMicroelectronics

Part # VIPER53SPTR-E
Description  OFF-line primary switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53SPTR-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VIPER53SPTR-E Datasheet HTML 4Page - STMicroelectronics VIPER53SPTR-E Datasheet HTML 5Page - STMicroelectronics VIPER53SPTR-E Datasheet HTML 6Page - STMicroelectronics VIPER53SPTR-E Datasheet HTML 7Page - STMicroelectronics VIPER53SPTR-E Datasheet HTML 8Page - STMicroelectronics VIPER53SPTR-E Datasheet HTML 9Page - STMicroelectronics VIPER53SPTR-E Datasheet HTML 10Page - STMicroelectronics VIPER53SPTR-E Datasheet HTML 11Page - STMicroelectronics VIPER53SPTR-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Pin connections and function
VIPer53 - E
8/36
Table 10.
Pin function
Pin Name
Pin function
VDD
Power supply of the control circuits. Also provides the charging current of the external
capacitor during start-up. The functions of this pin are managed by four threshold
voltages:
- VDDon: Voltage value at which the device starts switching (Typically 11.5 V).
- VDDoff: Voltage value at which the device stops switching (Typically 8.4 V).
- VDDreg: Regulation voltage point when working in primary feedback
(Trimmed to 15 V).
- VDDovp: Triggering voltage of the overvoltage protection (Trimmed to 18 V).
SOURCE
Power MOSFET source and circuit ground reference.
DRAIN
Power MOSFET drain. Also used by the internal high voltage current source during the
start-up phase to charge the external VDD capacitor.
COMP
Input of the current mode structure, and output of the internal error amplifier. Allows
the setting of thedynamic characteristic of the converter through an external passive
network. The useful voltage range extends from 0.5V to 4.5V. The Power MOSFET is
always off below 0.5V, and the overload protection is triggered if the voltage exceeds
4.35V. This action is delayed by the timing capacitor connected tothe TOVL pin.
TOVL
Allows the connection of an external capacitor for delaying the overload protection,
which is triggered by a voltage on the COMP pin higher than 4.35V.
OSC
Allows the setting of the switching frequency through an external Rt-Ct network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com