Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53SPTR-E Datasheet(PDF) 30 Page - STMicroelectronics

Part # VIPER53SPTR-E
Description  OFF-line primary switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53SPTR-E Datasheet(HTML) 30 Page - STMicroelectronics

Back Button VIPER53SPTR-E Datasheet HTML 26Page - STMicroelectronics VIPER53SPTR-E Datasheet HTML 27Page - STMicroelectronics VIPER53SPTR-E Datasheet HTML 28Page - STMicroelectronics VIPER53SPTR-E Datasheet HTML 29Page - STMicroelectronics VIPER53SPTR-E Datasheet HTML 30Page - STMicroelectronics VIPER53SPTR-E Datasheet HTML 31Page - STMicroelectronics VIPER53SPTR-E Datasheet HTML 32Page - STMicroelectronics VIPER53SPTR-E Datasheet HTML 33Page - STMicroelectronics VIPER53SPTR-E Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
Special recommendations
VIPer53 - E
30/36
12
Special recommendations
As steted in the error amplifier section, a capacitor of 10nF capacitor (minimum value: 8nF)
should always be connected to the COMP pin to ensure correct stability of the internal error
amplifier Figure 18, 19 and 22.
In order to improve the ruggedness of the device versus eventual drain overvoltages, a
resistance of 1k
Ω should be inserted in series with the TOVL pin, as shown on Figure 18,
Figure 19 on page 17.
Note that, this resistance does not impact the overload delay, as its value is negligible prior
to the internal pull-up resistance (about 125k
Ω).
13
Software implementation
All the above considerations and some others are included included in ST design software
which provides all of the needed components around the VIPer device for specified output
configurations, and is available on www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com