Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53SPTR-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # VIPER53SPTR-E
Description  OFF-line primary switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53SPTR-E Datasheet(HTML) 1 Page - STMicroelectronics

  VIPER53SPTR-E Datasheet HTML 1Page - STMicroelectronics VIPER53SPTR-E Datasheet HTML 2Page - STMicroelectronics VIPER53SPTR-E Datasheet HTML 3Page - STMicroelectronics VIPER53SPTR-E Datasheet HTML 4Page - STMicroelectronics VIPER53SPTR-E Datasheet HTML 5Page - STMicroelectronics VIPER53SPTR-E Datasheet HTML 6Page - STMicroelectronics VIPER53SPTR-E Datasheet HTML 7Page - STMicroelectronics VIPER53SPTR-E Datasheet HTML 8Page - STMicroelectronics VIPER53SPTR-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
November 2006
Rev 1
1/36
36
VIPer53 - E
OFF-line primary switch
Features
■ Switching frequency up to 300kHz
■ Current limitation
■ Current mode control with adjustable limitation
■ Soft start and shut-down control
■ Automatic burst mode in standby condition
(“Blue Angel“ compliant )
■ Undervoltage lockout with Hysteresis
■ HIgh voltage star-tup current source
■ Overtemperature protection
■ Overload and short-circuit control
Description
The VIPer53-E combines an enhanced current
mode PWM controller with a high voltage
MDMesh Power Mosfet in the same package.
Typical applications cover offline power supplies
with a secondary power capability ranging up to
30W in wide range input voltage, or 50W in single
European voltage range and DIP-8 package, with
the following benefits:
■ Overload and short circuit controlled by
feedback monitoring and delayed device reset.
■ Efficient standby mode by enhanced pulse
skipping.
■ Primary regulation or secondary loop failure
protection through high gain error amplifier.
General features
Type
European
(195 - 265Vac)
US / Wide range
(85 - 265 Vac)
DIP-8
50W
30W
PowerSO-10TM
65W
40W
DIP-8
PowerSO-10
www.st.com
Block diagram
FF
OSCILLAT OR
150/400ns
BLANKING
1V
4V
OVERT EMP.
DET ECT OR
8.4/
11.5V
15V
0.5V
VDD
OSC
DRAIN
TOVL
COMP
SOURCE
PW M
LATCH
ON/OFF
BLANKING TIME
SELECTION
PW M
COMPARATOR
CURRENT
AMPLIFIER
S
R1
R2
R3 R4 R5
Q
8V
4.35V
OVERLOAD
COMPARATOR
18V
4.5V
125k
0.5V
STANDBY
COMPARATOR
OVERVOLTAGE
COMPARATOR
ERROR
AMPLIFIER
UVLO
COMPARATOR
H
COM P


Similar Part No. - VIPER53SPTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER53SP STMICROELECTRONICS-VIPER53SP Datasheet
259Kb / 24P
OFF LINE PRIMARY SWITCH
Jun-2004
VIPER53SP13TR STMICROELECTRONICS-VIPER53SP13TR Datasheet
259Kb / 24P
OFF LINE PRIMARY SWITCH
Jun-2004
More results

Similar Description - VIPER53SPTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER22ADIP STMICROELECTRONICS-VIPER22ADIP Datasheet
262Kb / 15P
LOW POWER OFF LINE SMPS PRIMARY SWITCHER
rev. A
VIPER53DIP STMICROELECTRONICS-VIPER53DIP Datasheet
259Kb / 24P
OFF LINE PRIMARY SWITCH
Jun-2004
VIPER12ADIP-E STMICROELECTRONICS-VIPER12ADIP-E Datasheet
452Kb / 21P
Low Power OFF-Line SMPS Primary Switcher
09-Jan-2006
VIPER53EDIP-E STMICROELECTRONICS-VIPER53EDIP-E Datasheet
285Kb / 31P
OFF-line Primary Switch
12-Jan-2006
logo
Texas Instruments
TPS92315 TI-TPS92315 Datasheet
1Mb / 27P
Off-Line Primary-Side Sensing Controller
logo
Shenzhen Winsemi Microe...
WS3253 WINSEMI-WS3253 Datasheet
266Kb / 11P
High Precision Primary-Side Off-line PWM Power Switch
WS3254 WINSEMI-WS3254 Datasheet
238Kb / 10P
High Precision Primary-Side Off-line PWM Power Switch
WS3255D8P WINSEMI-WS3255D8P Datasheet
233Kb / 9P
High Precision Primary-Side Off-line PWM Power Switch
WS3256 WINSEMI-WS3256 Datasheet
233Kb / 9P
High Precision Primary-Side Off-line PWM Power Switch
logo
STMicroelectronics
VIPER22A-E STMICROELECTRONICS-VIPER22A-E Datasheet
409Kb / 21P
Low power OFF-line SMPS primary switcher
25-Nov-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com