Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2230 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC2230
Description  Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC2230 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC2230 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC2230 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicon NPN Power Transistor
2SC2230
www.iscsemi.com
1
DESCRIPTION
· Collector-Emitter Breakdown Voltage
-V(BR)CEO= 160V(Min)
· Collector-Emitter Saturation Voltage
-VCE(sat)= 0.5V(Max)@ IC=50mA
APPLICATIONS
· Switching regulator and high voltage switching
applications
· High speed DC-DC converter applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
200
V
VCEO
Collector-Emitter Voltage
160
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
100
mA
IB
Base Current-Continuous
50
mA
Pc
Collector Power Dissipation
800
mW
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 10mA ; IB= 0A
160
--
--
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 50mA; IB=5mA
--
--
0.5
V
VBE(on)
Base-Emitter Voltage
VCE= 10V; IC= 1mA
--
--
0.7
V
ICBO
Collector Cutoff Current
VCB= 200V ; IE= 0A
--
--
0.1
μ
A
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0A
--
--
0.1
μ
A
hFE-1
DC Current Gain
IC= 10mA ; VCE= 10V
120
--
400
hFE-2
DC Current Gain
IC= 50mA ; VCE= 10V
80
--
--


Similar Part No. - 2SC2230

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2230 TOSHIBA-2SC2230 Datasheet
180Kb / 3P
TRANSISTOR (HIGH VOLTAGE GENERAL AMPLIFIER, COLOR TV CLASS B SOUND OUTPUT APPLICATIONS)
2SC2230 TOSHIBA-2SC2230 Datasheet
133Kb / 5P
Silicon NPN Triple Diffused Type (PCT Process)
logo
SHENZHEN YONGERJIA INDU...
2SC2230 WINNERJOIN-2SC2230 Datasheet
136Kb / 1P
TRANSISTOR (NPN)
logo
Foshan Blue Rocket Elec...
2SC2230 FOSHAN-2SC2230 Datasheet
869Kb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package
logo
Jiangsu Changjiang Elec...
2SC2230 JIANGSU-2SC2230 Datasheet
3Mb / 3P
TO-92MOD Plastic-Encapsulate Transistors
More results

Similar Description - 2SC2230

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com