Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR-500AC-R Datasheet(PDF) 5 Page - Arista Networks, Inc

Part # PWR-500AC-R
Description  7020R Series Data Center Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-500AC-R Datasheet(HTML) 5 Page - Arista Networks, Inc

  PWR-500AC-R Datasheet HTML 1Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 2Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 3Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 4Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 5Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 6Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 7Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 8Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
7020R Series | Features
Layer 2 Features
• 802.1w Rapid Spanning Tree
• 802.1s Multiple Spanning Tree Protocol
• Rapid Per VLAN Spanning Tree (RPVST+)
• 4096 VLANs
• Q-in-Q
• 802.3ad Link Aggregation/LACP
• 64 ports/channel
• 54 groups per system
• Multi-Chassis Link Aggregation (MLAG)
• 64 ports per MLAG
• 802.1Q VLANs/Trunking
• 802.1AB Link Layer Discovery Protocol
• 802.3x Flow Control
• Jumbo Frames (9216 Bytes)
• IGMP v1/v2/v3 snooping
• Storm Control
• 802.1 AVB
Layer 3 Features
• Static Routes
• Routing Protocols: OSPF, OSPFv3, BGP, MP-BGP, IS-IS, and RIPv2
• 128-way Equal Cost Multipath Routing (ECMP)
• VRF
• Bi-Directional Forwarding Detection (BFD)
• Route Maps
• Policy Based Routing (PBR) *
• VRRP
• Virtual ARP (VARP)
• uRPF *
• RAIL
Multicast
• IGMP v2/v3
• PIM-SM / PIM-SSM
• PIM-BiDir *
• Anycast RP (RFC 4610)
• Multicast Source Discovery Protocol (MSDP)
Advanced Monitoring and Provisioning
• Latency Analyzer and Microburst Detection (LANZ)
• Zero Touch Provisioning (ZTP)
• Advanced Mirroring
• Port Mirroring (14 sessions)
• Enhanced Remote Port Mirroring
• SPAN/TAP M:N Aggregation
• L2/3/4 Filtering
• Advanced Event Management suite (AEM)
• CLI Scheduler
• Event Manager
• Event Monitor
• Linux tools
• Integrated packet capture/analysis with TCPDump
• RFC 3176 sFlow
• Restore & con gure from USB
• IEEE 1588 PTP
Virtualization Support
• VXLAN Bridging and Routing (VRF, MLAG)
• VM Tracer VMware Integration *
• VMware vSphere support
• VM Auto Discovery
• VM Adaptive Segmentation
• VM Host View
Security Features
• Control Plane Protection (CPP)
• PDP
• Service ACLs
• IPv4 / IPv6 ACLs using L2, L3, L4 elds
• MAC ACLs *
• ACL Deny Logging *
• ACL Counters *
• DHCP Relay / Snooping
• TACACS+
• RADIUS
Quality of Service (QoS) Features
• Up to 8 queues per port
• 802.1p based classi cation
• DSCP based classi cation and remarking
• Explicit Congestion Noti cation (ECN) *
• QoS interface trust (COS / DSCP)
• Strict priority queueing
• Per-Priority Flow Control (PFC)
• Data Center Bridging Extensions (DCBX) *
• ACL based DSCP Marking *
• Policing/Shaping
• Rate limiting *
Network Management
• CloudVision
• Con guration rollback and commit
• 100/1000 Management Port
• RS-232 Serial Console Port
• USB Port
• SNMP v1, v2, v3
• Management over IPv6
• Telnet and SSHv2
• Syslog
• AAA
• Industry Standard CLI
• System Logging
• Environment monitoring
* Not currently supported in EOS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com