Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR-500AC-R Datasheet(PDF) 10 Page - Arista Networks, Inc

Part # PWR-500AC-R
Description  7020R Series Data Center Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-500AC-R Datasheet(HTML) 10 Page - Arista Networks, Inc

Back Button PWR-500AC-R Datasheet HTML 2Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 3Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 4Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 5Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 6Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 7Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 8Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 9Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 10Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
7020R Series | Contact Information
Warranty
The Arista 7020R switches comes with a one-year limited hardware warranty, which covers parts, repair, or replacement with a 10
business day turn-around after the unit is received.
Service and Support
Support services including next business day and 4-hour advance hardware replacement are available. For service depot locations,
please see: http://www.arista.com/en/service
Headquarters
5453 Great America Parkway
Santa Clara, California 95054
408-547-5500
Support
support@arista.com
408-547-5502
866-476-0000
Sales
sales@arista.com
408-547-5501
866-497-0000
Copyright 2023 Arista Networks, Inc. The information contained herein is subject to change without notice. Arista, the
Arista logo and EOS are trademarks of Arista Networks. Other product or service names may be trademarks or service marks
of others.
www.arista.com
December 20th, 2023
03-0034-24
Spare Options
LIC-FIX-1-V2
EOS Extensions, Security and Partner Integration license for Arista Group 1 Fixed switches
LIC-FIX-1-FLX
FLX License for Arista Fixed switches Group 1 - Full Routing up to 256K Routes, EVPN, VXLAN, SR, Adv MPLS LSR and
Pseudowires
LIC-FIX-1-FLX-L
FLX-Lite License for Arista Fixed switches Group 1 - Full Routing up to 256K Routes, EVPN, VXLAN, SR, base MPLS LSR (no TE or
link/node protection)
LIC-FIX-1-IPSEC
IPSec Encryption License for Arista Fixed switches Group 1 - IPSec encryption
PWR-500AC-F
Spare 500 Watt AC power supply for Arista 7050X, 7020R and 7280R 1RU Switches (front-to-rear air ow)
PWR-500AC-R
Spare 500 Watt AC power supply for Arista 7050X, 7020R and 7280R 1RU Switches (rear-to-front air ow)
PWR-500-DC-F
Spare 500 Watt DC power supply for Arista 7050X, 7020R and 7280R 1RU Switches (front-to-rear air ow)
PWR-500-DC-R
Spare 500 Watt DC power supply for Arista 7050X, 7020R and 7280R 1RU Switches (rear-to-front air ow)
PWR-400AC-BLUE
Spare 400W AC Power supply for Arista 1U Switches (front-to-rear air ow)
PWR-400AC-RED
Spare 400W AC Power supply for Arista 1U Switches (rear-to-front air ow)
PWR-400-DC-BLUE
Spare 400W DC Power supply for Arista 1U Switches (front-to-rear air ow)
PWR-400-DC-RED
Spare 400W DC Power supply for Arista 1U Switches (rear-to-front air ow)
FAN-7000-F
Spare fan module for Arista 7150, 7124SX(FX), 7050, 7020R, 7280 & 7048-A switches (front-to-rear air ow)
FAN-7000-R
Spare fan module for Arista 7150, 7124SX(FX), 7050, 7020R, 7280 & 7048-A switches (rear-to-front air ow)
KIT-7001
Spare tool-free accessory kit (v2) for 1RU Arista switches. 2-post & 4-post mount. (2x C13-C14, 2m)
KIT-7021
Spare accessory kit for Arista 7020SR-32C2 switch. 2-post mount. (2x C13-C14, 2m)
KIT-2POST-1U-NT
Spare tool-free 2-post mount kit (v2) for 1RU Arista tool-free switches
KIT-4POST-NT
Spare tool-free 4-post mount kit (v2) for 1RU Arista tool-free switches
KIT-7010-4POST
Optional 4-post rack mount kit for 7010T and 7020SR-32C2 switches
FAN-7001C-F
Spare fan module for Arista 7000 Series 1RU switches (front-to-rear air ow)
FAN-7001C-R
Spare fan module for Arista 7000 Series 1RU switches (rear-to-front air ow)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com