Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR-500AC-R Datasheet(PDF) 1 Page - Arista Networks, Inc

Part # PWR-500AC-R
Description  7020R Series Data Center Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-500AC-R Datasheet(HTML) 1 Page - Arista Networks, Inc

  PWR-500AC-R Datasheet HTML 1Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 2Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 3Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 4Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 5Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 6Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 7Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 8Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Overview
The Arista 7020R Series, including the 7020SR, 7020SRG, 7020TR and 7020TRA, o ers
a purpose built high performance and power e cient solution for high density data
center deployments. With a choice of 10G SFP+ or 100/1000Mb RJ45, the switches
deliver non-blocking forwarding of up to 1.04 Tbps combined with feature rich L2
and L3 switching. A natural extension to the 7280R Series, the 7020R are members of
the Arista portfolio of data center switches.
With broad support for QoS, security, automation and monitoring features, the
7020R provides an ideal solution to the challenges of implementing network policy
consistently in both 1G and 10G environments when combined with the Arista xed
con guration 7280R Series 10 and 40 Gigabit switches. The 7020R deliver the
exibility to be deployed as the server edge of 1Gb Ethernet leaf and spine designs
or as a high performance storage network switch. Arista EOS advanced automation,
monitoring and provisioning features are consistent to all Arista switches,
eliminating the complexity associated with managing mixed environments with
inconsistent feature sets. The 7020R Series deep packet bu ers and large forwarding
tables allow for a broad set of networking applications.
The 7020SR and 7020SRG provide SFP+ ports for both 1G or 10G connections and 2
ports of 100G with a full range of optics and cables. The 7020TR and 7020TRA both
provide 48 100/1000Mb RJ45 ports and 6 SFP+ ports for both 1G or 10G uplink
connections with a full range of optics and cables. The Arista 7020R switches o er
low latency and a deep packet bu er of up to 3GB that is fully shared and allocated
dynamically to ports that are congested. Consuming under 1W per gigabit, the
7020R are power e cient with choices of AC and DC power, hot-swap power
redundancy along with redundant fans supporting either forward or reverse air ow
in a single system.
Combined with Arista EOS, the 7020R Series delivers advanced features for big data,
cloud, virtualized and traditional designs together with enhancements for video
streaming, media and entertainment.
7020R Series Data Center Switches
Data Sheet
Product Highlights
Performance
• 7020SR-24C2: 24 x 10G and 2 QSFP100
• 7020SR-32C2: 32 x 10G and 2 QSFP100
• 7020TR-48: 48 x 100/1000Mb and 6 SFP+
• 7020TRA-48: 48 x 100/1000Mb and 6 SFP+
• Up to 1.04Tbps throughput
• Up to 300Mpps forwarding
• Wire speed L2 and L3 forwarding
Data Center Optimized Design
• Ultra-deep packet bu er up to 3GB
• Virtual Output Queues per port to
eliminate head of line blocking
• 1+1 redundant & hot-swappable power
• N+1 redundant & hot-swappable fans
• Front-to-rear or rear-to-front cooling
• Tool less rails for simple installation
• 2 post and 4 Post mounting
• Over 90% e cient power supplies
• AC or DC Power Options
Cloud Networking Ready
• Up to 256K MAC entries
• Up to 200K IPv4/IPv6 Routes
• Up to 80K IPv4/IPv6 Host Routes
• 128-way ECMP / 64-port MLAG
• 3GB Bu er
Resilient Control Plane
• Multi-core x86 CPU
• 8GB DRAM
• 4GB Flash (min)
A
dvanced Provisioning & Monitoring
• CloudVision
• Zero Touch Provisioning (ZTP)
• Advanced Event Monitoring
• sFlow (RFC3176)
• VXLAN for next generation DC
• DANZ Advanced Mirroring & TAP
Aggregation for improved visibility
• LANZ for microburst detection
• VM Tracer *
• OpenStack
• Chef, Puppet, Ansible
Arista Extensible Operating System
• Single binary image
• Fine-grained truly modular network OS
• Stateful Fault Containment (SFC)
• Stateful Fault Repair (SFR)
• Full Access to Linux shell and tools
• Extensible platform - bash, python, C++ ,
GO, OpenCon g
Arista EOS
The Arista 7020R Series runs the same Arista EOS software as all Arista products,
simplifying network administration. Arista EOS is a modular switch operating system
with a unique state sharing architecture that cleanly separates switch state from
protocol processing and application logic. Built on top of a standard Linux kernel, all
EOS processes run in their own protected memory space and exchange state
through an in-memory database. This multi-process state sharing architecture
provides the foundation for in-service-software updates and self-healing resiliency.
With Arista EOS, advanced monitoring and automation capabilities such as Zero
Touch Provisioning, LANZ, VMTracer and Linux based tools can be run natively on
the switch with the powerful x86 CPU subsystem.
7020R: 24 and 32 port 10G, and 48 port 100/1000 Mb and 6 port 10GbE Switch


Similar Part No. - PWR-500AC-R

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
PWR-500AC-R ARISTA-PWR-500AC-R Datasheet
1Mb / 16P
Data Center Switch Router
June 20th, 2023
PWR-500AC-R ARISTA-PWR-500AC-R Datasheet
814Kb / 9P
7050QX Series 10/40G Data Center Switches
May 23rd, 2022
PWR-500AC-R ARISTA-PWR-500AC-R Datasheet
1Mb / 15P
7050X3 Series 10/25/40/50/100G Data Center Switches
Oct 10, 2024
PWR-500AC-R ARISTA-PWR-500AC-R Datasheet
4Mb / 11P
7060X and 7260X Series 10/25/40/50/100G Data Center Switches
March 15, 2021
PWR-500AC-R ARISTA-PWR-500AC-R Datasheet
429Kb / 8P
7130LS Series Layer 1 FPGA Switch
Dec 10th, 2023
More results

Similar Description - PWR-500AC-R

ManufacturerPart #DatasheetDescription
logo
CW Industries
GRS-4013A-0000 CWIND-GRS-4013A-0000 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0001 CWIND-GRS-4013A-0001 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0008 CWIND-GRS-4013A-0008_19 Datasheet
185Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0014 CWIND-GRS-4013A-0014 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0021 CWIND-GRS-4013A-0021 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0023 CWIND-GRS-4013A-0023 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013B-0001 CWIND-GRS-4013B-0001 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4023A-0012 CWIND-GRS-4023A-0012 Datasheet
181Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4023A-0019 CWIND-GRS-4023A-0019 Datasheet
185Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4023C-0007 CWIND-GRS-4023C-0007 Datasheet
179Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com