Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIT-7101-RK Datasheet(PDF) 8 Page - Arista Networks, Inc

Part # KIT-7101-RK
Description  7050X4 Series 100/200/400G Data Center Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

KIT-7101-RK Datasheet(HTML) 8 Page - Arista Networks, Inc

Back Button KIT-7101-RK Datasheet HTML 4Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 5Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 6Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 7Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 8Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 9Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 10Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 11Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 12Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
7050X4 Series | Technical Speci cations
Model Comparison
7050DX4-32S
7050PX4-32S
7050DX4M-32S
Ports
32x QSFP-DD 400G
2x SFP+
32x OSFP 400G
2x SFP+
32x QSFP-DD 400G
2x SFP+
Max 400GbE Ports 1
32
32
32
Max 200GbE Ports 1
64
64
64
Max 100GbE Ports 1
128
128
128
Max 50GbE Ports 1
144
144
144
Max 40GbE Ports 1
64
64
64
Max 25GbE Ports 1
128
128
128
Max 10GbE Ports 1
128 + 2
128 + 2
128 + 2
MACsec enabled ports
-
-
16
Max Total Interfaces 2
144
144
144
Throughput (FDX)3
12.8 (25.6) Tbps
12.8 (25.6) Tbps
12.8 (25.6) Tbps
Packets/Second
5.3Bpps
5.3Bpps
5.3Bpps
Latency
900ns
900ns
900ns
CPU
Quad-Core x86
Quad-Core x86
Quad-Core x86
System Memory
16 Gigabytes
Flash Storage Memory
16 Gigabytes
Packet Bu er Memory
132 MB (Dynamic Bu er Allocation)
100/1000 Mgmt Ports
1
RS-232 Serial Ports
1 (RJ-45)
USB Ports
1
Hot-swap Power
2 (1+1 redundant)
Hot-swappable Fans
4 (N+1 redundant)
Reversible Air ow
Yes
Yes
No
Typical/Max Power 4
353W / 880W
353W / 880W
423W / 1208W
Rack Units
1RU
1RU
1RU
Size (WxHxD)
17.3 x 1.75 x 19.9 in
(43.9 x 4.45 x 50.56 cm)
17.3 x 1.75 x 20.72 in
(43.9 x 4.45 x 52.65 cm)
17.3 x 1.75 x 19.9 in
(43.9 x 4.45 x 50.56 cm)
Weight
24.4 lbs (11.1kgs)
26.6lbs (12.1kgs)
24.4 lbs (11.1kgs)
Fan Tray
FAN-7011H -F/R
FAN-7011H -F
Power Supplies
PWR-1512-AC-RED/BLUE
PWR-1511-DC-RED/BLUE
PWR-2421-HV
EOS Feature Licenses
LIC-FIX-3
LIC-FIX-3
LIC-FIX-3-MACSEC
Minimum EOS
4.28.1
4.28.1
4.30.1
1. Maximum port numbers are uni-dimensional, may require the use of break-outs and are subject to transceiver/cable capabilities
2. Where supported by EOS, each system supports a maximum number of interfaces. Certain con gurations may impose restrictions on which physical ports can be used
3. Performance gures based on average packet size of 289 B
4. Typical power consumption measured at 25C ambient with 50% load on all ports, excludes transceivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com