Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIT-7101-RK Datasheet(PDF) 11 Page - Arista Networks, Inc

Part # KIT-7101-RK
Description  7050X4 Series 100/200/400G Data Center Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

KIT-7101-RK Datasheet(HTML) 11 Page - Arista Networks, Inc

Back Button KIT-7101-RK Datasheet HTML 6Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 7Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 8Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 9Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 10Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 11Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 12Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 13Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 14Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
7050X4 Series | Optics
Supported Optics and Cables 1
Interface Type
400G OSFP ports
400GBASE-CR8
OSFP to OSFP: 1m-3m lengths
400GBASE-AOC
OSFP to OSFP: 1m-30m lengths
400GBASE-SR8
100m OM3/4 Parallel MMF
400GBASE-DR4
500m Parallel SM
400GBASE-XDR4
2km Parallel SM
400GBASE-FR4
2km Duplex SM
400GBASE-2FR4
2km 2 x Duplex SM
400GBASE-LR4
10km Duplex SM
400GBASE-PLR4
10km Parallel SM
400GBASE-ZR
120km (with optical ampli cation)
200GBASE-CR4
OSFP to 2xQSFP: 1m to 3m lengths
200GBASE-SR4
100m (using OSFP-400G-SR8)
200GBASE-FR4
2km (using OSFP-400G-2FR4)
100GBASE-CR2
OSFP to 4xQSFP: 1m to 3m lengths
100GBASE-CR4 2
OSFP to 2xQSFP: 1m to 3m lengths
50GBASE-CR
OSFP to 8xSFP: 1 to 3m lengths
50GBASE-CR2 2
OSFP to 4xQSFP: 1m to 3m lengths
25GBASE-CR 2
OSFP to 8xSFP: 1m to 3m lengths
Supported Optics and Cables 1
Interface Type
400G QSFP-DD ports
400GBASE-CR8
QSFP-DD to QSFP-DD: 1m-2.5m lengths
400GBASE-AOC
QSFP-DD to QSFP-DD: 1m-30m lengths
400GBASE-SR8
100m OM3/4 Parallel MMF
400GBASE-DR4
500m Parallel SM
400GBASE-XDR4
2km Parallel SM
400GBASE-FR4
2km Duplex SM
400GBASE-LR4
10km Duplex SM
400GBASE-PLR4
10km Parallel SM
400GBASE-ZR
120km (with optical ampli cation)
200GBASE-CR4
QSFP-DD to 2xQSFP: 1m to 2.5m lengths
200GBASE-SR4
100m (QDD-400G-SR8 / QSFP-200G-SR4)
200GBASE-FR4
2km (using QSFP-200G-FR4)
100GBASE-CR2
QSFP-DD to 4xQSFP: 1m to 3m lengths
100GBASE-CR4 2
QSFP-DD to 2xQSFP: 1m to 3m lengths
50GBASE-CR
QSFP-DD to 8xQSFP: 1m to 3m lengths
50GBASE-CR2 2
QSFP-DD to 4xQSFP: 1m to 3m lengths
25GBASE-CR 2
QSFP-DD to 8xSFP: 1m to 3m lengths
1. For a complete list of transceivers, please refer to the Transceiver Datasheet and check EOS release notes for support
2. Requires OSFP / QSFP-DD port to be con gured for 200G, 8 x 25G NRZ lanes. Allows interop with 100G QSFP and 25G SFP ports
Arista Optics and Cables
The Arista 7050X4 Series supports a wide range of 10G to 400G pluggable optics and cables. For details about the di erent optical
modules and the minimum EOS Software release required for each of the supported optical modules, visit:
https://www.arista.com/en/products/transceivers-cables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com