Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIT-7101-RK Datasheet(PDF) 10 Page - Arista Networks, Inc

Part # KIT-7101-RK
Description  7050X4 Series 100/200/400G Data Center Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

KIT-7101-RK Datasheet(HTML) 10 Page - Arista Networks, Inc

Back Button KIT-7101-RK Datasheet HTML 6Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 7Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 8Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 9Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 10Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 11Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 12Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 13Page - Arista Networks, Inc KIT-7101-RK Datasheet HTML 14Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
7050X4 Series | Technical Speci cations
Power Supply Speci cations
Power Supply
PWR-1011-AC-
RED/BLUE
PWR-1011-DC-
RED/BLUE
PWR-1511-DC-
RED/BLUE
PWR-1512-AC-
RED/BLUE
PWR-2421-HV
Input Voltage
200-240V AC
100-120V AC
-48 to -60 VDC
-48 to -60 VDC
200-240V AC
200-277VAC
240-380VDC
Typical Input Current
12.0 - 6.0A
23A Max (-48V)
35.2A Max (-48V)
9.6A
13.5A
(200V AC)
Input Frequency
50/60Hz
DC
DC
50/60Hz
50/60Hz AC
or DC
Output Power
1000W
1000W
1500W
1500W
2400W
Input Connector
IEC 60320 C14
AWG #6 Max
AWG #6 Max
IEC 60320 C14
SAF-D
E ciency (Typical)
93% Platinum
94%
92%
93% Platinum
96%
Environmental Characteristics
Operating Temperature 1
0 to 40˚C (32 to 104˚F)
Storage Temperature
-40 to 70˚C (-40 to 158˚F)
Relative Humidity
5 to 95%
Operating Altitude
0 to 10,000 ft, (0-3,000m)
Standards Compliance
EMC
FCC Class A, ICES-003, EN 55032, EN IEC
61000-3-2:2019, EN 61000-3-3
Immunity
EN 55035
EN 300 386
Safety
EN 62368-1:2014 + A11:2017
IEC 62368-1:2014
Certi cations
BSMI (Taiwan)
CE (European Union)
KCC (South Korea)
NRTL (North America)
RCM (Australia/New Zealand)
UKCA (United Kingdom)
VCCI (Japan)
European Union
Directives
2014/35/EU Low Voltage Directive
2014/30/EU EMC Directive
2012/19/EU WEEE Directive
2011/65/EU RoHS Directive
2015/863/EU Commission Delegated
Directive
Further Information Product Certi cation Portal
1. Certain air ow con gurations or the use of higher power or reduced temperature range optics may reduce maximum operating temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com