Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR-500AC-R Datasheet(PDF) 9 Page - Arista Networks, Inc

Part # PWR-500AC-R
Description  7050X3 Series 10/25/40/50/100G Data Center Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-500AC-R Datasheet(HTML) 9 Page - Arista Networks, Inc

Back Button PWR-500AC-R Datasheet HTML 5Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 6Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 7Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 8Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 9Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 10Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 11Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 12Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 13Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
7050X3 Series | Technical Specifications
Specifications
Switch Model
7050SX3-96YC8
7050SX3-48YC12 7050SX3-48YC8
7050SX3-48YC8C
7050SX3-24YC4C
Ports
96x SFP25
8x QSFP100
2 SFP+
48x SFP25
12x QSFP100
48x SFP25
8x QSFP100
48x SFP25
8x QSFP100
24x SFP25
4x QSFP100
Max 100GbE Ports 1
8
12
8
8
4
Max 50GbE Ports 1
16
24
16
16
8
Max 40GbE Ports 1
8
12
8
8
4
Max 25GbE Ports 1
128
96
64
64
40
Max 10GbE Ports 1
129
96
64
64
40
Max 1GbE Ports 1
129
48
48
48
24
Max Total Interfaces 2
129
96
64
64
40
Throughput
3.2 (6.4) Tbps
2.4 (4.8) Tbps
2 (4) Tbps
2 (4) Tbps
1 (2) Tbps
Packets/Second
2 Bpps
2 Bpps
1 Bpps
1 Bpps
1 Bpps
Latency
800 ns
800 ns
800 ns
800 ns
800 ns
CPU
Quad-Core x86
Quad-Core x86
Quad-Core x86
Quad-Core x86
Quad-Core x86
System Memory
8 GB
8 GB
8 GB
16 GB
16 GB
Flash Storage
8 GB
8 GB
8 GB
32 GB
32 GB
Packet Buffer Mem
32 MB (Dynamic Buffer Allocation)
Mgmt Ports
1
RS-232 Serial Ports
1 (RJ-45)
USB Ports
1
Hot-swap Power
2 (1+1 redundant)
Hot-swappable Fans
4 (N+1 redundant)
2 (1+1 redundant)
Reversible Airflow
Yes
No
Yes
Yes
Yes
Typical/Max Power 3
218W / 453W
170W / 325W
124W / 301W
119W / 290W
88W / 178W
Rack Units
2RU
1RU
Size (WxHxD)
19 x 3.46 x 19.8 in
(48.3 x 8.8 x 50.2 cm)
19 x 1.75 x 17.5 in
(48.3 x 4.4 x 44.6 cm)
19 x 1.75 x 18.4 in
(48.3 x 4.4 x 46.8 cm)
Weight
43lbs (19.5kgs)
20.3 lbs (9.22kgs)
21 lbs (9.45kgs)
Fan Tray
FAN-7012M-RED/BLUE
FAN-7000H-F
FAN-7011M-F/R
Power Supplies
PWR-1011-AC-RED/BLUE
PWR-1011-DC-RED/BLUE
PWR-500-AC-F
PWR-500-DC-F
PWR-511-AC-RED/BLUE
PWR-511-DC-RED/BLUE
EOS Feature Licenses
LIC-FIX-2
LIC-FIX-2
LIC-FIX-2
LIC-FIX-2
LIC-FIX-1
Minimum EOS
4.24.1
4.20.5
4.21.6
4.30.1
4.33.1
1. Maximum port numbers are uni-dimensional, may require the use of break-outs and are subject to transceiver/cable capabilities
2. Where supported by EOS, each system supports a maximum number of interfaces. Certain configurations may impose restrictions on which physical ports can be used
3. Typical power consumption measured at 25C ambient with 50% load on all ports, excludes transceivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com