Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR-500AC-R Datasheet(PDF) 3 Page - Arista Networks, Inc

Part # PWR-500AC-R
Description  7050X3 Series 10/25/40/50/100G Data Center Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-500AC-R Datasheet(HTML) 3 Page - Arista Networks, Inc

  PWR-500AC-R Datasheet HTML 1Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 2Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 3Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 4Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 5Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 6Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 7Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 8Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
7050X3 Series | Model and Platform Overview
High Availability
The Arista 7050X3 series switches are designed for high availability
from both a software and hardware perspective. Key high availability
features include
• 1+1 hot-swappable power supplies and four N+1 hot-swap fans
• Color coded PSU’s and fans
• Live software patching
• Self healing software with Stateful Fault Repair (SFR)
• Smart System Upgrade (SSU)
• Multi-chassis LAG for active/active L2 multi-pathing
• 128-way ECMP routing for load balancing and redundancy
The Arista 7050SX3-48C8, 7050SX3-48C8C and 7050TX3-48C8 are 1RU systems with 48 port of 10G and 8 ports of 100G with an
overall throughput of 2.56 Tbps. The SX3 high density 10G ports can be configured for a mix of 10G/1G speeds to facilitate mixed
connections and the TX3 RJ45 ports allows 1G, 2.5G, 5G, and 10G speeds. The QSFP100 ports allow 100GbE or 40GbE as network
uplinks, with a rich choice of transceivers and cables for both leaf and spine deployment. With no oversubscription, the switch is
optimized for high performance deployments with consistent features.
Arista 7050SX3-48C8, 7050SX3–
48C8C and 7050TX3-48C8 : 

48x 10G SFP or 10GBaseT and 8x
100G QSFP ports
The Arista 7050SX3-96YC8 is a 2RU system with 96 ports of 25G and 8 ports of 100G with an overall throughput of 6.4 Tbps bi-
directional. The high density SFP ports can be configured in groups of 4 to run either at 25G or a mix of 10G/1G speeds. The QSFP100
ports allow for a choice of 5 speeds including 100GbE, 40GbE, 4x10GbE, 4x25GbE or 2x 50GbE with a wide choice of transceivers and
cables enabling a choice of combinations for both leaf and spine deployment. With low latency and no oversubscription, the switch is
optimized for high density server environments with native 25G connections.
Arista 7050SX3-96YC8 : 

96x 25G SFP and 8x 100G QSFP ports
7050SX3-48YC8, 7050SX3-48YC8C,
7050SX3-24YC4C, 7050SX3-48C8, 7050SX3-48C8C,
7050TX3-48C8, 7050CX3-32C Rear View
(front to rear airflow)
7050CX3-32S 1RU Rear View (rear to front airflow)
7050SX3-48YC12 1RU Rear View (front to rear
7050SX3-96YC8 2RU Rear View (front to rear airflow)
Arista 7050SX3-48YC12 : 

48x 25G SFP and 12x 100G QSFP
ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com