Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR-500AC-R Datasheet(PDF) 14 Page - Arista Networks, Inc

Part # PWR-500AC-R
Description  7050X3 Series 10/25/40/50/100G Data Center Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-500AC-R Datasheet(HTML) 14 Page - Arista Networks, Inc

Back Button PWR-500AC-R Datasheet HTML 7Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 8Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 9Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 10Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 11Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 12Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 13Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 14Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 15Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Optional Components and Spares
FAN-7000H-F
Spare fan module for Arista 7050X3, 7060X, 7160 and 7280R Series 1RU switches (front-to-rear airflow)
FAN-7000H-R
Spare fan module for Arista 7050X3, 7060X, 7160 and 7280R Series 1RU switches (rear-to-front airflow)
FAN-7011M-F
Spare fan module for Arista 7000 Series 1RU Enhanced Fan Speed (front-to-rear airflow)
FAN-7011M-R
Spare fan module for Arista 7000 Series 1RU Enhanced Fan Speed (rear-to-front airflow)
FAN-7012M-RED
Spare fan module for Arista 7000 Series 2RU Enhanced Speed Fan (front-to-rear airflow)
FAN-7012M-BLUE
Spare fan module for Arista 7000 Series 2RU Enhanced Speed Fan (rear-to-front airflow)
PWR-500AC-F
Spare 500 Watt AC power supply for Arista 7050X, 7280 and 7060CX 1RU Switches (front-to-rear airflow)
PWR-500AC-R
Spare 500 Watt AC power supply for Arista 7050X, 7280 and 7060CX 1RU Switches (rear-to-front airflow)
PWR-501AC-F
Spare 500v2 Watt AC power supply for Arista 7050CX3-32S-D Switches (front-to-rear airflow)
PWR-501AC-R
Spare 500v2 Watt AC power supply for Arista 7050CX3-32S-D Switches (rear-to-front airflow)
PWR-500-DC-F
Spare 500 Watt DC power supply for Arista 7050X, 7280 and 7060CX 1RU Switches (front-to-rear airflow)
PWR-500-DC-R
Spare 500 Watt DC power supply for Arista 7050X, 7280 and 7060CX 1RU Switches (rear-to-front airflow)
PWR-511-AC-RED
Arista PSU, 1RU, AC, 500W, front-to-rear airflow, 73.5mm
PWR-511-AC-BLUE
Arista PSU, 1RU, AC, 500W, rear-to-front airflow, 73.5mm
PWR-511-DC-RED
Arista PSU, 1RU, DC, 500W, front-to-rear airflow, 73.5mm
PWR-511-DC-BLUE
Arista PSU, 1RU, DC, 500W, rear-to-front, 73.5mm
PWR-1011-AC-RED
Arista PSU, 1RU, AC/DC, 1000W, FORWARD, 73.5MM
PWR-1011-AC-BLUE
Arista PSU, 1RU, AC/DC, 1000W, REVERSE, 73.5MM
PWR-1011-DC-RED
Arista PSU, 1RU, DC/DC, 1000W, FORWARD, 73.5MM
PWR-1011-DC-BLUE
Arista PSU, 1RU, DC/DC, 1000W, REVERSE, 73.5MM
KIT-7001
Spare tool-free accessory kit (v2) for 1RU Arista switches. 2-post & 4-post mount. (2x C13-C14, 2m)
KIT-7101
Spare tool-free accessory kit (v3) for Arista switches. 4-post mount. (2 x C13-C14, 2m)
KIT-2POST-1U-NT
Spare tool-free 2-post mount kit (v2) for 1RU Arista tool-free switches
KIT-2POST
Spare 2RU 2 post rack mount installation kit for Arista 7250 / 7050, 7260X and 7280R switches
KIT-4POST-NT
Spare tool-free 4-post mount kit (v2) for 1RU Arista tool-free switches
KIT-GND-EXT-1U
Arista 7000 Series 1RU Ground Extender Kit for NEBS compliance
KIT-GND-EXT-2U
Arista 7000 Series 2RU Ground Extender Kit for NEBS compliance
7050X3 Series | Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com