Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7260CX3-64-R Datasheet(PDF) 4 Page - Arista Networks, Inc

Part # DCS-7260CX3-64-R
Description  7260X3 Series 10/25/40/50/100G Data Center Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7260CX3-64-R Datasheet(HTML) 4 Page - Arista Networks, Inc

  DCS-7260CX3-64-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7260CX3-64-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7260CX3-64-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7260CX3-64-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7260CX3-64-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7260CX3-64-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7260CX3-64-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7260CX3-64-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7260CX3-64-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
7260X3 Series | Platform Overview
Maximum Flexibility for Scale Out Network Designs
Scale out network designs enable solutions to start small and evolve over time. A simple two-way design can grow as far as 128-way
without signi cant changes to the architecture. The Arista 7260X3 include enhancements for exible scale-out designs:
• 128-way ECMP and 64-way MLAG to provide scalable designs and balance tra c evenly across large scale 2 tier leaf-spine designs
• Equal and Unequal Cost Multi-Pathing (ECMP and UCMP) for exible tra c balancing in large scale multi-tier topologies
• Custom hash algorithms for e cient hashing, persistent hashing and custom lookups for tunneled protocols
• Flexible allocation of L2 and L3 forwarding table resources for more design choice
• Wide choice of dense 10G/25G/40G/100G interfaces for multi-speed exibility
• Support for standards based IEEE 25GbE for simple and cost e ective migration from 10G and 40G to 25G and 100G
• VXLAN routing, bridging and gateway capability for physical to virtualization communication in next generation data center designs
• DANZ, sFlow and multi-port mirroring to detect micro-burst congestion and provide network wide visibility and monitoring
• Hitless speed changes from 10G to 100G to eliminate down-time when implementing speed changes
Uni ed Forwarding Table
Cloud network scalability is directly impacted by the size of a switches forwarding tables. In many systems a 'one size ts all' approach is
adopted using discrete xed size tables for each of the common types of forwarding entry. The Arista 7260X3 leverage a common
Uni ed Forwarding Table for the L2 MAC, L3 Routing, L3 Host and IP Multicast forwarding entries, which can be partitioned per entry
type. The ideal size of each partition varies depending on the network deployment scenario. The exibility of the UFT coupled with the
range of pre-de ned con guration pro les available on the 7260X3 ensures optimal resource allocation for all network topologies and
network virtualization technologies.
Dynamic Load Balancing (DLB) *
Traditional hash-based load balancing algorithms can result in link and path allocations with short term imbalances and under
utilization of aggregate capacity. This is aggravated further in modern data centers with high tra c loads, varied ow duration, mixed
packet sizes and micro-bursts. DLB enhancements to load balancing consider the real time load on links and dynamically assign new
and existing ows to the best link. When imbalances are detected active ows and new ows are allocated to the least loaded paths to
reduce the possibility of drops. Supported with any combination of ECMP and LAG/MLAG, DLB delivers higher throughout with
enhanced load distribution while o ering the user an open implementation.
Advanced Event Management (AEM)
Simplifying the overall operations, AEM provides the tools to customize alerts and actions. AEM is a powerful and exible set of tools to
automate tasks and customize the behavior of EOS and the operation of the overall data center switching infrastructure. AEM allows
operators to fully utilize the intelligence within EOS to respond to real-time events, automate routine tasks, and automate actions based
on changing network conditions.
Virtualization
Supporting next-generation virtualized data centers requires tight integration with orchestration tools and emerging encapsulation
technologies such as VXLAN. The 7260X3 build on the valuable tools already provided by the Arista VM Tracer suite to integrate directly
into encapsulated environments. O ering a wire-speed gateway between VXLAN and traditional L2/3 environments, they make
integration of non-VXLAN aware devices including servers, rewalls and load-balancers seamless and provide the ability to leverage
VXLAN as a standards based L2 extension technology for non-MPLS environments.
Precise Data Analysis
Arista Latency Analyzer (LANZ) is an integrated feature of EOS. LANZ provides precise real-time monitoring of micro-burst and
congestion events before they impact applications, with the ability to identify the sources and capture a ected tra c for analysis.
Advanced analytics are provided with features like bu er monitoring with con gurable thresholds, in-band path and latency
monitoring, event driven trace packets and granular time stamping.
Precision Timing (IEEE 1588) *
Arista’s hardware derived Precision Time Protocol solution provides a robust mechanism for accurate in-band time distribution in high
performance environments. The system clock can be synchronized using IEEE 1588 PTP.
* Not currently supported in EOS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com