Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7260CX3-64-R Datasheet(PDF) 3 Page - Arista Networks, Inc

Part # DCS-7260CX3-64-R
Description  7260X3 Series 10/25/40/50/100G Data Center Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7260CX3-64-R Datasheet(HTML) 3 Page - Arista Networks, Inc

  DCS-7260CX3-64-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7260CX3-64-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7260CX3-64-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7260CX3-64-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7260CX3-64-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7260CX3-64-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7260CX3-64-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7260CX3-64-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7260CX3-64-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
7260X3 Series | Platform Overview
Arista Modular System Leaf-Spine Designs Scale to 55,296 25/50GbE ports at 3:1 subscription in a 16-way ECMP Design
Arista Fixed System Leaf-Spine Designs Scale to 6,144 10GbE/25GbE ports or 1,536 40GbE/100GbE port at 3:1
Arista Leaf-Spine Two-tier Network Architecture with 7260X3 Series
Enhanced Features for High Performance Networks
The Arista 7260X3 deliver a suite of advanced tra c control and monitoring features to improve the agility of modern high
performance environments, with solutions for data monitoring, and next-generation virtualization.
Automating the data center enables customers to dynamically provision computing resources in the most e cient manner while also
meeting business needs by maintaining service level agreements (SLAs). Arista EOS automates complex IT work ows and simpli es
network operations while reducing or even eliminating downtime. Arista EOS rich automation capabilities not only reduce the human
error element in network operations but also enable IT operators to make the network work the way they want.
Arista o ers solutions for a variety of approaches to cloud-like network automation. Addressing the needs of the largest public cloud
environments as well as applying those lessons learned in the turnkey CloudVision automation o ering.
CloudVision
CloudVision is a network-wide approach for workload orchestration and work ow automation as a turnkey solution for Cloud
Networking. CloudVision extends the EOS publish subscribe architectural approach across the network for state, topology, monitoring
and visibility. This enables enterprises to move to cloud-class automation without needing any signi cant internal development.
Scaling Data Center Performance
The Arista 7260X3 series deliver line rate switching at layer 2 and layer 3 to enable faster and simpler network designs for data centers
that dramatically lowers the network capital and operational expenses. When used in conjunction with the Arista 7000 series of xed
and modular switches it allows networks to scale to over 55,000 25/50G servers in low-latency two-tier networks that provide
predictable and consistent application performance. The exibility of the L2 and L3 multi-path design options combined with support
for open standards provides architectural exibility, scalability and network wide virtualization. Both designs support overlay networks
via VXLAN and can integrate with standards-based overlay controller solutions. Arista EOS advanced features provide control and
visibility with single point of management.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com