Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7260CX3-64-R Datasheet(PDF) 7 Page - Arista Networks, Inc

Part # DCS-7260CX3-64-R
Description  7260X3 Series 10/25/40/50/100G Data Center Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7260CX3-64-R Datasheet(HTML) 7 Page - Arista Networks, Inc

Back Button DCS-7260CX3-64-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7260CX3-64-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7260CX3-64-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7260CX3-64-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7260CX3-64-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7260CX3-64-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7260CX3-64-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7260CX3-64-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7260CX3-64-R Datasheet HTML 10Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7260X3 Series | Technical Speci cations
Speci cations
Switch Model
7260CX3-64 1
7260CX3-64E 2
Ports
64x QSFP100 and 2x SFP+
Max 100GbE Ports
64
Max 50GbE Ports
128
Max 40GbE Ports
64
Max 25GbE Ports
128
Max 10GbE Ports
130
Max 1GbE Ports
2 using SFP+ ports
Throughput (FDX)
6.4 (12.8) Tbps
Packets/Second
4.2 Bpps
Latency
450 ns
CPU
Dual-Core x86
System Memory
8 Gigabytes
Flash Storage Memory
30 Gigabytes
Packet Bu er Memory
42 MB (Dynamic Bu er Allocation)
10/100/1000 Mgmt Ports
1
RS-232 Serial Ports
1 (RJ-45)
USB Ports
1
Hot-swap Power Supplies
2 (1+1 redundant)
Hot-swappable Fans
4 (N+1 redundant)
Reversible Air ow Option
Yes
Typical/Max Power Draw 3
314 W / 616 W
314 W / 927 W
Rack Units
2 RU
Size (WxHxD)
19 x 3.5 x 18 inches
(48.3 x 8.8 x45.7 cm)
Weight
34lbs (15.6kg)
Power Supplies
PWR-745AC-F/R
PWR-1900-DC-F/R
PWR-1900AC-F/R
PWR-1900-DC-F/R
Fan tray
FAN-7002-F/R
FAN-7002H-F/R
EOS Feature Licenses
Group 3
Minimum EOS
4.20.1F
4.23.0
1. 7260CX3-64 Ports 13, 15, 17, 19 and 46, 48, 50, 52 support QSFP transceivers that draw up to 5W of power. All other QSFP ports support transceivers up to 3.5W.
2. 7260CX3-64E Ports 13, 15, 17, 19 and 46, 48, 50, 52 support QSFP transceivers that draw up to 5W of power. All other QSFP ports support transceivers up to 4.5W.
3. Typical power consumption measured at 25C ambient with 50% load and DAC cables. Maximum power consumption measured at 40C with 100% load and
maximum power optical transceivers. Performance rated over operation with average packets larger than 128 bytes.
4. Certain air ow con gurations or the use of higher power or reduced temperature range optics may reduce maximum operating temperature.
Standards Compliance
EMC
FCC Class A, ICES-003, EN 55032, EN IEC
61000-3-2:2019, EN 61000-3-3
Immunity
EN 55035
EN 300 386
Safety
EN 62368-1:2014 + A11:2017
IEC 62368-1:2014
Certi cations
BSMI (Taiwan)
CE (European Union)
KCC (South Korea)
NRTL (North America)
RCM (Australia/New Zealand)
UKCA (United Kingdom)
VCCI (Japan)
European
Union
Directives
2014/35/EU Low Voltage Directive
2014/30/EU EMC Directive
2012/19/EU WEEE Directive
2011/65/EU RoHS Directive
2015/863/EU Commission Delegated Directive
Further
Information
Product Certi cation Portal
Environmental Characteristics
Operating Temperature 4
0 to 40˚C (32 to 104˚F)
Storage Temperature
-40 to 70˚C (-40 to 158˚F)
Relative Humidity
5 to 95%
Operating Altitude
0 to 10,000 ft, (0-3,000m)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com