Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN-7002-R Datasheet(PDF) 9 Page - Arista Networks, Inc

Part # FAN-7002-R
Description  7260X3 Series 10/25/40/50/100G Data Center Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7002-R Datasheet(HTML) 9 Page - Arista Networks, Inc

Back Button FAN-7002-R Datasheet HTML 2Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 9Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 10Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
7260X3 Series | Ordering Information
Product Number Product Description
DCS-7260CX3-64-F
Arista 7260X3, 64x100GbE QSFP & 2xSFP+ switch, front-to-rear air, 2xAC
DCS-7260CX3-64-R
Arista 7260X3, 64x100GbE QSFP & 2xSFP+ switch, rear-to-front air, 2xAC
DCS-7260CX3-64#
Arista 7260X3, 64x100GbE QSFP & 2xSFP+ switch, no fans, no psu
DCS-7260CX3-64E-F
Arista 7260X3, 64x100GbE QSFP & 2xSFP+ Enhanced switch, front-to-rear air, 2xAC
DCS-7260CX3-64E-R
Arista 7260X3, 64x100GbE QSFP & 2xSFP+ Enhanced switch, rear-to-front air, 2xAC
DCS-7260CX3-64E#
Arista 7260X3, 64x100GbE QSFP & 2xSFP+ Enhanced switch, no fans, no psu
LIC-FIX-3-E
Enhanced L3 License for Arista Group 3 Fixed switches, (BGP, OSPF, ISIS, PIM, NAT)
LIC-FIX-3-V
Virtualization license for Group 3 Arista Fixed switches (VMTracer and VXLAN)
LIC-FIX-3-V2
EOS Extensions, Security and Partner Integration license for Arista Group 3 Fixed switches
LIC-FIX-3-Z
Monitoring & Automation license for Arista Group 3 Fixed switches (ZTP, LANZ, TapAgg, API, Time-stamping, OpenFlow)
LIC-FIX-3-FLX-L
FLX-Lite License for Arista Fixed switches Group 3 - Full Routing Up to 256K Routes, EVPN, VXLAN, SR, base MPLS LSR (no TE
or link/node protection)
Optional Components and Spares
FAN-7002-F
Spare fan module for Arista 7050X/7250X, 7260QX, 7260CX3 2RU and 7300 switches (front-to-rear air ow) - 7260CX3-64
FAN-7002-R
Spare fan module for Arista 7050X/7250X, 7260QX, 7260CX3 2RU and 7300 switches (rear-to-front air ow) - 7260CX3-64
FAN-7002H-F
Spare high speed fan module for Arista 7260X / 7280R 2RU and 7320X switches (front to rear air ow) - 7260CX3-64E
FAN-7002H-R
Spare high speed fan module for Arista 7260X / 7280R 2RU and 7320X switches (rear to front air ow) - 7260CX3-64E
PWR-745AC-F
Spare 750 Watt AC power supply for Arista 7060X and 7260X3 Series Switches (front-to-rear air ow) - 7260CX3-64
PWR-745AC-R
Spare 750 Watt AC power supply for Arista 7060X and 7260X3 Series Switches (rear-to-front air ow) - 7260CX3-64
PWR-1900AC-F
Spare 1900 Watt AC power supply for Arista 7260CX and 7280R Series Switches (front-to-rear air ow) - 7260CX3-64E
PWR-1900AC-R
Spare 1900 Watt AC power supply for Arista 7260CX and 7280R Series Switches (rear-to-front air ow) - 7260CX3-64E
PWR-1900-DC-F
Spare 1900W DC Power Supply for 7260X and 7260X3 Series Series Switches (front to rear air ow switch)
PWR-1900-DC-R
Spare 1900W DC Power Supply for 7260X and 7260X3 Series Switches (rear to front air ow switch)
KIT-7002
Spare tool-free accessory kit (v2) for 2RU Arista switches. 2-post & 4-post mount. (2x C13-C14, 2m)
KIT-2POST
Spare 2RU 2 post rack mount installation kit for Arista 7250 / 7050 and 7260X switches
KIT-4POST-NT
Spare tool-free 4-post mount kit (v2) for 1RU Arista tool-free switches
KIT-GND-EXT-2RU
Arista 7000 Series 2RU Ground Extender Kit for NEBS compliance



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com